Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS501 Datasheet(PDF) 11 Page - Fortune Semiconductor Corp.

Part # FS501
Description  18-bit ADC with two low noise OPAMPs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS501 Datasheet(HTML) 11 Page - Fortune Semiconductor Corp.

Back Button FS501 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 15Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
4.
Microprocessor Interfaces
FS501 can be directly connected to any microprocessor by pins of CS_, WR_, RD_, ALE, AD<3>, AD<2>,
AD<1>, AD<0>, and RQO. It can access the read/write of the control registers, handle interrupts, and access
the measure registers.
Control Registers
The Control registers are to control the status of internal components, such as the status of the multiplexer, TAP
of the digital filters, etc. All of them are 8-bit registers, and all of them are input/output ports that can be read
and written by the microprocessor. When reset is activated (RST_= 0), all the control registers are rest to 0. The
microprocessor can control the chip by setting the control registers, and read the values of the control registers
to check the status of the chip.
Table 2. The Address of Control Registers and Interrupt Registers.
AFT<7:0>
SCP<7:0>
SIN<7:0>
SRF<7:0>
RGD<7:0>
7
0
MSB
0
1
0
0
0
6
5
4
3
2
1
0
LSB
BPFTR
SINL<2:0>
SRFH<1:0>
SRFL<2:0>
SCMPH<3:0>
SINH<3:0>
0
Name
Address
00
01
02
03
04
05
ADG<7:0>
ENAD
06
SETADC
MISC1<7:0>
ENVDS
MISC2<7:0>
0
0
TPS1<1:0>
07
08
ENVCS
RCTEN
ACDIV
ACEN
FTR
0
CYS<1:0>
09
INTRG<7:0>
ADG<5:0>
ENXTL_
ENOSCO_
1
FSDIV
0
ENLBS
ENGNDR_
0
LBO
0
0
0
0
ENCP
0
0
HUNK
0
0
0
INSTA<1>
0
0
INSTA<0>
INTEN<1>
0
0
INTEN<0>
0
0
TPS2<1:0>
MODE<3:0>
Table 2 shows the control signals and the addresses of the control registers. There are 10
addresses, 00~09. The functions are briefly described in Table 3.
Table 3. Brief Description of the Function of FS501 Registers
Registers
Function
Refer to
MODE<3:0>
Selection of Thermistor or Voltage Measure
Section 7.1
RGD<5>
Selection of Thermistor Measure Switches
Table 8
SIN<7:0>
Input selection of the ADC and control signals of the pre filter.
Table 9 and Table 10
SRF<5:0>
Reference voltage selection of the ADC and control signals of the
pre filter
Table 11 and Table 12
SCP<7:4>
Path selection of CMPH
Table 13
AFT<6:4>
Enable controls of the op amps
Fig. 8
ADG<5:0>
Input gain setting of the ADC
Section 8.2
ADG<7:6>
Job setting of the ADC
Section 8.6
SETADC<7:6> ENVDS and ENVCS, programmable power supply setting.
Section 5.3
SETADC<5:4> CYS<1:0>, ADC offset voltage elimination mode setting
Section 8.4
SETADC<3:0> TPS2<1:0> and TPS1<1:0>, TPS2<1:0> and TPS1<1:0> are the
high speed TAP and high resolution TAP setting of the digital filter.
Section 8.3
MISC1<6,4:3> Setting of the clock generator
Table 7
MISC2<7>
ACBUF op amp switching mode
Section 7.3
MISC2<2>
If set, the CMPH signal will bypass ACBUF amplifier and directly
output through ACA
Fig. 8
MISC2<4>,
MISC2<0>
Setting of Power Low Detector
Section 5.4
MISC2<1>
ENGNDR_, the enable control of the output of internal power supply
ground of the analog parts.
Section 5.2
INTRG<4>
Interrupt status register
Section 4.2
INTRG<0>
Enable control of IRQO
Section 4.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com