Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS501 Datasheet(PDF) 28 Page - Fortune Semiconductor Corp.

Part # FS501
Description  18-bit ADC with two low noise OPAMPs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS501 Datasheet(HTML) 28 Page - Fortune Semiconductor Corp.

Back Button FS501 Datasheet HTML 23Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 24Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 25Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 26Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 27Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 28Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 29Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 30Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 31Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Application Circuit of Electronics Scale (Using External OP)
825K
590K
1M
27nF
250K
FS501F/LQ44
12
RST_
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
FTC
TENM
HUNK
FTA
FTB
SGND
AGND
VDDA
SMV
SDB
AX5
AX2
GNDR
VDDS
VDD
VCCR
VCCS
VCC
VBAT
VSSD
XTALI
VCC
4.00MHz
1M
Micro-Processor
VSS
SGND
AGND
VDDS
VDD
VCC
VCCS
VCC
VSS
500K
10nF
VSS
Rth
AGND
27nF
AGND
VDDS
VSS
10uF
VCC
VSS
10uF
VDD
VSS
10uF
VDD
AGND
10uF
VSS
AGND
Thermistor
9V
VOUT
S-81250
VIN
AGND
VDD VDD
350
350
VSS
3K
90K
VDDS
2.25K
500
2.25K
VSS
VDDS
OP07/177
90K
3K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com