Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS501 Datasheet(PDF) 16 Page - Fortune Semiconductor Corp.

Part # FS501
Description  18-bit ADC with two low noise OPAMPs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS501 Datasheet(HTML) 16 Page - Fortune Semiconductor Corp.

Back Button FS501 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 20Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Power Low Detector
360K
305K
LBS
CMP
AGND
LBO
ENLBS
BATTERY
9V
VSSD
VBAT
Fig. 6. Power Low Detector
Power low detector is shown in Fig. 6. LBS is the dividing voltage of VBAT and is fed into the input of the power
low detector. The output voltage, LBO, of the power low detector can detect whether the dividing voltage of
VBAT is less than AGND. If it is less than AGND, LBO is high and the user has to replace the battery. Before
reading LBO, we have to set ENLBS to Hi (high), and pull ENLBS to low after approximately 0.1ms; we can
then read LBO.
By the ADC multiplexer, the LBS voltage can be selected by the ADC, and by Equation 1 the LBS voltage can
be found.
Equation 2
LBS
BAT
V
V
 2
.
2
In power saving mode, we can set ENGDR_ (MISC<1>) to high to turn off GNDR to save power consumption.
6.
Clock Generator
Clock Generator
4 MHz
XTALI
XTALO
F
S
1/F
S
OSCO
CLK
DIVIDER
OSCO
1M
ENXTL_
ENOSCO_
FS
FSDIV
Fig. 7. Clock Generator
The block diagram of the clock generator is shown in Fig. 7. We connect a 4MHz crystal oscillator to the clock
generator to generate a 4MHz clock frequency. A frequency divider is used to divide the clock signal to
generate a signal FS, and the ADC uses this FS signal to do data conversion. FS is controlled by ENXTAL_ and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com