Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS501 Datasheet(PDF) 19 Page - Fortune Semiconductor Corp.

Part # FS501
Description  18-bit ADC with two low noise OPAMPs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS501 Datasheet(HTML) 19 Page - Fortune Semiconductor Corp.

Back Button FS501 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 22Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 23Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Measure Mode
FS501 has voltage measuring and resistance measuring modes, and the modes are controlled by 00F register
MODE3:0. When MODE=0, it is in the voltage measuring mode. The measured voltage can be either directly
fed from INHMUX to ADC, or fed through the ACBUF amplifier and then fed to the ADC.
ON CHIP
OFF CHIP
OSRC
Rth
HUNK
TENM
Rref2
Rref1
OSR
OSR
OSREN
AGND
SGND
hunk<1>
OSRC
hunk<0>
tenm<0>
SDB
INL
INH
VRL
VRH
hunk<2>
tenm<1>
tenm<1>
Fig. 9. Resistance Measuring Circuit
When MODE=1, it is in the resistance measuring mode. The circuit is shown in Fig. 9. Suppose that the
reference resistance is Rref, and the measured resistance to be Rth. The measuring equation is as follows.
Equation 3
out
VRL
VRH
INL
INH
ref
th
D
G
V
V
V
V
R
R
Where Dout is the ADC output, and thereafter the resistance can be measured. The control setting of the
resistance measuring circuit is shown in Table 8.
Table 8. Setup Table of the Resistance Measuring Circuit
Range Mode
MODE3:0
HUNK
hunk2:0 tenm1:0
HUNK
1001
1
111
00
TENM
1001
0
000
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com