Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS501 Datasheet(PDF) 22 Page - Fortune Semiconductor Corp.

Part # FS501
Description  18-bit ADC with two low noise OPAMPs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS501 Datasheet(HTML) 22 Page - Fortune Semiconductor Corp.

Back Button FS501 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 22Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 23Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 24Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 25Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 26Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
8.
Analog to Digital Converter (ADC)
The Operation of the Delta-Sigma () Modulator ADC
This high resolution ADC is designed by the technology of delta-sigma () modulator. The continuous analog
signals are sampled by a very high sampling rate that is much higher than the bandwidth of the input signal.
The delta-sigma modulator converts the input signal to a series of 1-bit codes. These 1-bit codes are then fed to
the digital filter to filter out the high frequency quantization noise to find high resolution digital outputs. It can be
used in the high resolution digital multimeters. This kind of ADC quantizes one bit in the analog part, therefore,
it has very good linearity. Because it is in a fully differential configuration, the common mode rejection ratio
(CMRR) is very high and can reduce the common mode signals effectively.
ANALO
G
INTEGRATO
R
DIGITAL LOW PASS
DECIMATION
FILTER
COMPARATOR
ANALO
G
INPU
T
V
in
D
out
1, -1, -1, 1, 1, 1,....
V
re f, -Vre f, -Vre f, Vre f, Vre f, Vre f,...
DA
C
Fig. 10. The Symbolic Diagram of the Delta-Sigma Analog-to-Digital Converter
The symbolic diagram of the delta-sigma ADC is shown in Fig. 10. It consists of an analog subtractor, an
integrator, a comparator, a 1-bit digital-to-analog converter (DAC), and a low-pass digital filter. The analog
signals are continuously sampled and are subtracted by the expected voltage. The difference of the signals is
fed into the integrator, and then the signal is compared with a reference voltage to find a digital output. This
digital output is converted by the 1-bit DAC to become an analog signal (+Vref or -Vref) and then negatively fed
back into the integrator. Due to the infinitive DC gain of the integrator, if the change of the input signal is much
slower than the sampling speed, the average voltage obtained by the delta-sigma modulator will be very close
to the input signal. In some resolution they can be treated to be the same, therefore, the 1-bit output data from
the comparator are equivalent to the  Vref analog signal values. The digital filter then decimates the 1-bit data
to get a very high resolution digital code.
Gain Stage Setting
0.5
0.5
0.25
0.1
+
ADG<0>
ADG<1>
ADG<2>
ADG<3>
V
IN
to
ADC
signal
input
1.0
0.25
+
ADG<4>
ADG<5>
V
REF
to
ADC
reference
input
a
b
c
d
x
y
Fig. 11. Diagram of FS501Gain Stage Setting
There are four different gain paths to the input of the FS501 ADC, and they are controlled by control register
ADG<3:0>; the block diagram is shown in Fig. 11. Two different gain paths control the input reference voltage,
and they are controlled by control register ADG<5:4>. The gains shown here are not accurate. The accurate
gains can be found by careful calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com