Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS501 Datasheet(PDF) 14 Page - Fortune Semiconductor Corp.

Part # FS501
Description  18-bit ADC with two low noise OPAMPs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS501 Datasheet(HTML) 14 Page - Fortune Semiconductor Corp.

Back Button FS501 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 18Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
5.
Voltage Regulator
FS501 Regulator
309K
800K
GNDR
VDD
S81250
OUT
IN
20 uF
20 uF
VDD
VSS
9V Battery
VBAT
AGND
20 uF
VCC
VDD
ENGNDR_
Fig. 3. Block Diagram of FS501 Voltage Regulator
The block diagram of FS501 voltage regulator is shown in Fig. 3. In the circuit, we need a low cost voltage
regulator, S81250, to regulate the battery voltage (more than 6.8V) to 6.4V VDD. The VDD power supply is
used for: (1) analog circuit power supply, (2) as the reference voltage of the voltage regulator.
In Fig. 3, voltages VDD and REFH are used as reference voltages to generate VCCR, GNDR, and VSS for
FS501. If VSS is set to 0V, then VCCR and GNDR will be regulated to 5V and 3.2V respectively.
Users can select the power supply source for FS501 by themselves, either generated internally or supplied
externally. The power sources of analog circuits of FS501 are supported through terminals of VDDA, AGND,
and VSSA. Therefore, we can directly connect the voltage regulator outputs of VCCR, GNDR, and VSS to
terminals of VCC, AGND, and VSSA respectively. If the user can find stable power source externally, the power
sources can be applied to terminals of VCC, AGND, and VSSA directly instead of internal power sources of
VCCR and GNDR.
Most of the power consumption of the analog circuit is due to the static current. In FS501 the current of analog
part is designed to be less than 1mA, and the current of digital part is less than 0.5mA .
Bias Current Source Generator
FS501 Current Bias
AGND
ENGNDR_
CSFB
VSS
Current
Bias
3uA
412K
VDD
LM385/1.23V
82K
AGND
Fig. 4. FS501 Bias Current Source Generator
The bias current source generator as shown in Fig. 4 generates the bias current for all the analog circuits of
FS501. If the embedded op amp works, CSFB will be pulled to AGND by the feedback; there are 1.2V in
resistor 412K, and 3uA bias current can be obtained. If the value of the 412K-resistor is reduced, the working
current of the chip will be increased, and some of the specs can be improved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com