Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS501 Datasheet(PDF) 10 Page - Fortune Semiconductor Corp.

Part # FS501
Description  18-bit ADC with two low noise OPAMPs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS501 Datasheet(HTML) 10 Page - Fortune Semiconductor Corp.

Back Button FS501 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 14Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Terminal Description
SOP 40 LQ 44 Attribute
Name
Function
1
18
AI
SGND
Signal Ground
2
19
API
AGND
Power Supply Ground for Analog Signal (+2.5 V)
3
20
API
VDDA
Power Supply VDD for Analog Signal(+5 V)
4
21
AIO
SMV
Input of Analog Signal
Na
22
AIO
SDB
Reference Resistance Bottom Input for the (Thermistor)
Resistance Measuring
5
23
AI
ADRF
Input Reference Voltage of the ADC
6
24
API
VSSA
Power Supply VSS (0V) of the Analog Signal
7
25
AI
REFH
Reference Voltage Input of the Embedded Analog Power
Source
8
26
AIO
CSFB
Current Source Feedback
9-10
27-28
AIO
ACB, ACA
ACBUF Op Amp Terminals
11-12
29-30
AIO
RCTP, RCTN
Inputs of RCTOP Op Amp
13
31
AIO
RCTO
Output of RCTOP Op Amp
14
32
AIO
AX3
Programmable Input Channel 3
Na
33
AIO
AX4
Programmable Input Channel 4
Na
34
AIO
AX5
Programmable Input Channel 5
15
35
AIO
AX2
Programmable Input Channel 2
16
36
APO
GNDR
Analog Ground Output of the Embedded Voltage Regulator
(+2.5 V)
17
37
PO
VDDS
VDD Output Via Internal Switches
18
38
PI
VDD
VDD (+5V) Input for Voltage Regulator
19
39
DPO
VCCR
VCC (+5 V) Output from the Voltage Regulator
20
40
DPO
VCCS
VCC Output Via Internal Switches
21-22
41
DPI
VCC
Power Supply VCC (4~5V) for Digital Signal
Na
42
AI
VBAT
Input of Power Low Detector
23
Na
DO
OSCO
Crystal Oscillation Output. It can be used by the
microprocessor directly.
24
43
DPI
VSSD
VSS (0V) for Digital Signal
25-26
44-1
DIO
XTALI, XTALO
Crystal Oscillator Inputs
27
2
DO
IRQO
Interrupt Output Signal for Measure Events
28-31
3-6
DIO
AD<3:0>
Data Input/Output of the Microprocessor Interface
32
7
DI
RD_
Read Terminal of the Microprocessor (Active Low Oriented)
33
8
DI
WR_
Write Terminal of the Microprocessor (Active Low Oriented)
34
9
DI
ALE
Address Latch Enable of the Microprocessor. When it is high,
AD<3:0> is the address bus.
35
10
DI
CS_
Chip Select of the Microprocessor Interface (Active Low
Oriented)
36
11
DPI
VCC
VCC (+4V) for Digital Signal
37
12
DI
RST_
Reset. It is low to reset all the internal registers to zero.
38
13
AIO
FTC
Terminal of the Pre RC Filter
Na
14-15
AIO
TENM,
HUNK
Reference Resistance Terminals for the (Thermistor)
Resistance Measuring
39-40
16-17
AIO
FTA, FTB
Terminals of the Pre RC Filter
Notations:
1.
D stands for Digital.
2.
A stands for Analog
3.
P stands for Power.
4.
stands for Output.
5.
I stands for Input.
6.
For example: DIO means “Digital Input/Output”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com