Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS501 Datasheet(PDF) 6 Page - Fortune Semiconductor Corp.

Part # FS501
Description  18-bit ADC with two low noise OPAMPs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS501 Datasheet(HTML) 6 Page - Fortune Semiconductor Corp.

Back Button FS501 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 10Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Block Diagram of FS501
M
U
X
O
P
A
m
p
s

Modulator
Digital Filter
Digital Interface
&
Control Registors
Oscillator
Regulator
Functional Network
RST_
IRQO
XTALO
XTALI
CS_
ALE
WR_
RD_
AD0
AD1
AD2
AD3
VCC
VCCR
GNDR
Low
Battery
Detector
VSS
TENM
HUNK
SMV
SDB
ADRF
ACB
ACA
RCTP
RCTN
RCTO
AX2
AX3
AX4
AX5
FTA
FTB FTC
VCCS VDDS
VDD
VDDA
SGND
AGND
VSSD
VBAT
2.
Electrical Characteristics
•(VDD = 6V, VSS = 0V, TA
=+25℃, unless otherwise indicated)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Analog-to-Digital Converter
Zero Input Reading
VIN=0V, 500mV Scale
-1
0
1
Counts
Zero Reading Drift
VIN=0V, 0℃<TA<+70℃
0
1
μ
V/℃
Linearity (Max. deviation from
best straight line fit)
500mV Scale
-2
0
2
Counts
Input Common-Mode Rejection
Ratio
VCM=±1V, VIN=0V, 500mV Scale
120
μ
V/V
Input Common-Mode Voltage
Range
VIN=0V, 500mV Scale, ±12 Counts -1
1
V
Noise (p-p Value not Exceeding
95% of Time)
VIN=0V, 500mV Scale
0
1
Counts
Rollover Error (Difference in
reading for equal positive and
negative inputs near Full Scale)
-VIN=+VIN=500.00mV
0
1
5
Counts
Input Leakage Current
VIN=0V
1
10
pA
Scale Factor Temperature
Coefficient
VIN=500.00mV, 0℃<TA<+70℃
7.5
ppm/℃
Current Consumption
660
800
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com