Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175-4591 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # 175-4591
Description  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-4591 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button 175-4591 Datasheet HTML 11Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 12Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 13Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 14Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 15Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 16Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 17Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 18Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
Face
S-Series
OS-Series
OSH-Series
SS-Series
Dia.
Descrip-
Part
Descrip.
Part
Descrip-
Part
Descrip-
Part
‘F’
tion
No.
tion
No.
tion
No.
tion
No.
7/8
S-248
182-0248
5-CT*
1
S-249
182-0249
1-1/4
S-250
182-0250
7/8
S-348
182-0348
OS-348
182-1348
4RW
1
S-350
182-0350
OS-350
182-1350
1-1/4
S-351
182-0351
OS-351
182-1351
7/8
S-349
182-0349
OS-349
182-1349
1
S-353
182-0353
OS-353
182-1353
OSH-353
182-2353
SS-353
182-3353
5RW
1-1/4
S-354
182-0354
OS-354
182-1354
OSH-354
182-2354
SS-354
182-3354
1-1/2
OSH-356
182-2356
2
OSH-358
182-2358
7RW
2-1/2
3360
182-3360
Nose
Taper
Facing Alloy
Dimensions
Descrip-
Part
Type
No.
Class
A
B
tion
No.
4RW
14
3/16
3/8
A-2408-100M
185-0120
4RW
13
3/16
3/8
A-2408-100W
185-0130
Pointed
5RW
11
1/4
3/8
A-2508-10W
185-0150
5RW
14
1/4
3/8
A-2508-100M
185-0160
5RW
13
1/4
3/8
A-2508-100W
185-0170
4RW
11
1/2
1/4
B-2408-10W
185-1110
Dome
5RW
11
5/8
1/4
B-2508-10W
185-1120
5RW
13
5/8
1/4
B-2508-100W
185-1170
4RW
11
1/2
1/4
C-2408-10W
185-1210
4RW
14
1/2
1/4
C-2408-100M
185-1220
Flat
4RW
13
1/2
1/4
C-2408-100W
185-1230
5RW
11
5/8
1/4
C-2508-10W
185-1250
5RW
14
5/8
1/4
C-2508-100M
185-1260
5RW
13
5/8
1/4
C-2508-100W
185-1270
TUFFALOY
swivel tips
TUFFALOY
refractory metal-faced tips
Swivel tips have ball-jointed
swivel heads to compensate
for minor misalignment, and
to eliminate marking of the
work surface. They are all
machined from Class 2 alloy
bar stock. The S-and SS-
Series tip water hole does
not reach the head. In the
OS and OSH models, the
water does contact the
head, and O-rings are used
to seal it. In the SS Series
a spring is used to keep
pressure on head for
better positioning.
Class 1 and class 3
heads are also available.
*Will fit Tuffcap adapter shanks having No. 5 RW tapers, as shown on page 6.
Note: Standard swivel
tilt is approximately
18’, a 25’ swivel is
available on request.
Add suffix “HS” to
above part number.
The TUFFALOY copper-tungsten, tungsten and molybdenum-faced tips
listed here withstand greater heat and pressure, at the expense of
some conductivity. Besides being used for spot welding high resistance
base metals, they are useful in achieving “heat balance” when welding
dissimilar metals. (The higher resistance electrode is used against the
lower resistance, or thinner, member, to help contain the heat generated.)
They have the same diameters and tapers as the standard straight tips in
this catalog. Bodies are of Class 2 alloy. Lengths other than those shown
can be ordered.
Taper
No.
POINTED NOSE ‘A’
DOME NOSE ‘B’
FLAT NOSE ‘C’
S-Series*
(Tuffcap Design)
S-Series
OS-Series
OSH-Series
SS-Series
14
2
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com