Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175-4591 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # 175-4591
Description  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-4591 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button 175-4591 Datasheet HTML 32Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 33Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 34Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 35Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 36Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 37Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 38Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 39Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
Nose
Alloy
Descrip-
Part
Style
Class
tion
No.
Pointed
1
TA-14
111-0014
2
TA-24
112-0024
Dome
1
TB-14
113-0014
2
TB-24
114-0024
Flat
1
TC-14
115-0014
2
TC-24
116-0024
Offset
1
TD-14
117-0014
2
TD-24
118-0024
1/2” DIA. TUFFCAP CAPS (4 CT)
For 5/8” Dia.
For No. 4
Tuffcap Caps
RW Tips
Tip Spacing &
Descrip-
Part
Descrip-
Part
Mounting Style
tion
No.
tion
No.
ONE-INCH SPACING:
1-in. shank
4050
350-4050
4055
350-4055
1-1/4-in. shank
4051
350-4051
4056
350-4056
1-1/2-in. shank
4052
350-4052
4057
350-4057
5RW adapter
4053
350-4053
4058
350-4058
Cylinder adapter*
4054
350-4054
4059
350-4059
1-1/2-INCH SPACING:
1-in. shank
4150
350-4150
4155
350-4155
1-1/4-in. shank
4151
350-4151
4156
350-4156
1-1/2-in. shank
4152
350-4152
4157
350-4157
5RW adapter
4153
350-4153
4158
350-4158
Cylinder adapter*
4154
350-4154
4159
350-4159
EQUATIP HOLDERS
EQUATIP DUAL TIP HOLDERS
U.S. Pat. No. 3,558,847
The Equatip dual tip holder is a smaller version of the
Equa-Press holder (on next page). It is more compact, and
is more economical for those applications where it will
work equally well. An even smaller device, the Equatip
adapter (not water-cooled) is shown in box below.
Using the Equatip holder, both tips contact the work
squarely, because tip axes remain parallel to direction
of force (unlike the Teeter-Tip adapters). An internal
roller equalizes current and pressure between the two
electrodes, and will compensate for work height
variations up to 1/16”.
The holders are ordered with either 1” or 1-1/2”
spacing between barrels, and with tip sockets to accept
either male Tuffcap caps (5/8” dia.) or straight No. 4 RW
electrodes. (Bent tips are not recommended.) The distance
between welds can be varied by rotating offset-nose tips in
the barrels.
Equatip holders can be supplied with straight shanks
for arm mounting, a tapered adapter shank for holder
mounting, or a cylinder adapter shank to be clamped
to a cylinder rod.
Equatip holders can be used with forces up to 1000 lbs.
Cylinder-mounting adapter shank,
Part No. 195-7063;
clamp, Part No. 194-2040,
not included
5 RW taper
adapter shank,
Part No. 195-5680
For light-duty welding
EQUATIP ADAPTER
The Equatip dual tip adapter
works like the Equatip holder,
but it is not water-cooled and
is meant for less demanding
jobs. It costs less, and is a
little smaller, barrels being
5/8” apart. Its straight tips
are TUFFCAP caps,
1/2” in diameter.
Those caps are fully dimensioned on page 6.
Those caps are fully dimensioned on page 6.
*Without clamp
Nose
Alloy
Descrip-
Part
Style
Class
tion
No.
Pointed
1
TA-15
111-0015
2
TA-25
112-0025
Dome
1
TB-15
113-0015
2
TB-25
114-0025
Flat
1
TC-15
115-0015
2
TC-25
116-0025
Offset
1
TD-15
117-0015
2
TD-25
118-0025
5/8” DIA. TUFFCAP CAPS (5 CT)
4045, Part No. 350-4045-5RW
4046, Part No. 350-4046-4RW
2-7/8
7/16
1/2
1
OR
1-1/2
1/2
4
BODY
IS 1”
THICK
35
TUFFALOY
multiple welding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com