Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175-4591 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # 175-4591
Description  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-4591 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button 175-4591 Datasheet HTML 38Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 39Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 40Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 41Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 42Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 43Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 44Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 45Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
Stronger, generally harder, and having less conductivity,
the refractory metal compositions include copper-tungsten
(Classes 10-11), tungsten (Class 13) and molybdenum
(Class 14) alloys.
The bars and inserts listed below are made in the
following RWMA group B alloys: Class 10 (Tuffaloy 1W),
Class 11 (Tuffaloy 10W), and Class 12 (Tuffaloy 20W).
Bars and inserts of Class 13 (Tuffaloy 100W) and Class 14
(Tuffaloy 100M), as well as special sizes and shapes, are
priced on request.
COPPER TUNGSTEN ROUND BARS
Eight inches long, available in the following diameters:
From 1/8” to 2”.
COPPER TUNGSTEN RECTANGULAR
AND SQUARE BARS
Eight inches long, available in following dimensions:
Widths from 1/8” to 2” and Thicknesses from 1/8” to 1”.
COPPER TUNGSTEN ROUND INSERTS
Available in following dimensions:
Diameters from 1/8” to 2” and Thicknesses
from 1/4” to 1”.
TUFFALOY forgings are used to make seam welder wheels and shafts, butt and flash welder dies, and welder arms and
platens. Forgings are superior to castings in physical properties and in absence of porosity. They are available in
TUFFALOY 88, 77 and 55 (Class 1, 2 and 3 alloy). All are readily machinable.
When ordering specify whether forging is to be as-forged or finish machined. Regardless of how it is wanted always order
by giving finish dimensions.
TUFFALOY
refractory metal compositions
41
TUFFALOY
forgings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com