Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175-4591 Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # 175-4591
Description  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-4591 Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button 175-4591 Datasheet HTML 46Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 47Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 48Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 49Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 50Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 51Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 52Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 53Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 54Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 50 / 54 page
background image
Thickness Electrode
Net
Weld
Welding
Mini-
Mini-
Dia-
Thickness
“T” of
Diameter
Elec-
Time
Current
mum
mum
meter
Minimum Shear
“T” of
Thinnest
trode
(Single (Approx.)
Con-
Weld
of
Strength
Thinnest
Outside
Force
Im-
tacting
Spacing
Fused
Piece
Piece
pulse)
Over-
Zone
lap
Lbs.
Tensile
Tensile
Strength Strength
Cycles
Below
70000
(60
70000
PSI
Per
In.
PSI
And
Inches
Inches
Lbs.
Sec.)
Amps
Inches
Inches
Approx.
Above
Inches
0.010
3/8
200
4
4000
3/8
1/4
0.10
130
180
0.010
0.021
3/8
300
6
6500
7/16
3/8
0.13
320
440
0.021
0.031
3/8
400
8
6600
7/16
1/2
0.16
570
800
0.031
0.040
1/2
500
10
9500
1/2
3/4
0.19
920
1200
0.040
0.050
1/2
650
12
10500
9/16
7/8
0.22
1350
–
0.050
0.062
1/2
800
14
12000
5/8
1
0.25
1850
–
0.062
0,078
5/8
1100
17
14000
11/16
1-1/4
0.29
2700
–
0.078
0.094
5/8
1300
20
15500
3/4
1-1/2
0.31
3450
–
0.094
0.109
5/8
1600
25
17500
15/16
1-5/8
0.32
4150
–
0.109
0.125
7/8
1800
26
18000
7/8
1-3/4
0.33
5000
–
0.125
Thickness
Electrode
Net
WeId
Welding
Minimum
(of thinnest
Diameter
Electrode
Time
Current
Overlap
piece)
Force
(Approx.)
Inches
Inches
Pounds
Cycles
Amps.
Inches
0.030
1/2
475
11
10,500
1/2
0.035
1/2
550
12
11,000
9/6
0.040
5/8
625
13
12,500
5/8
0.050
5/8
840
18
14,000
11/16
0.060
5/8
1050
23
15,500
3/4
0.075
3/4
1400
28
19,500
7/8
0.093
3/4
1800
34
24,000
1
0.109
3/4
2200
39
28,500
1-1/4
Thickness “T”
Diameter
Height of
Minimum Shear Strength
Diameter
Minimum
of Thinnest
of
Projection
(Single Projecting Only)
of Fused
Contacting
Outside Piece
Projection
“H”
Zone
Overlap
(Nominal)
“D”
Pounds
Minimum
“L”
(At Weld
Tensile
Tensile
Tensile
Interface
Strength
Strength
Strength
Below
70000
150000
70000
Up To
PSI
PSI
150000
And
Inches
Inches
Inches
PSI
Above
Inches
Inches
0.010
0.055
0.015
130
180
250
0.112
1/8
0.012
0.055
0.015
170
220
330
0.112
1/8
0.014
0.055
0.015
200
280
380
0.11 2
1/8
0.016
0.067
0,017
240
330
450
0.112
5/32
0.021
0.067
0.017
320
440
600
0.140
5/32
0.025
0.081
0.020
450
600
820
0.140
3/16
0.031
0.094
0.022
635
850
1100
0.169
7/32
0.034
0.094
0.022
790
1000
1300
0.169
7/32
0.044
0.119
0.028
920
1300
2000
0.169
9/32
0.050
0.119
0.028
1350
1700
2400
0.225
9/32
0.062
0.156
0.035
1950
2250
3400
0.225
3/8
0.070
0.156
0.035
2300
2800
4200
0.281
3/8
0.078
0.187
0.041
2700
3200
4800
0.281
7/16
0.094
0.218
0.048
3450
4000
6100
0.281
1/2
0.109
0.250
0,054
4150
5000
7000
0.338
5/8
0.125
0.281
0.060
4800
5700
8000
0.338
11/16
0.140
0.312
0.066
6000
–
–
7/16
3/4
0.156
0.343
0.072
7500
–
–
1/2
13/16
0.171
0.375
0,078
8500
–
–
9/16
7/8
0,187
0.406
0.085
10000
–
–
9/16
15/16
0.203
0.437
0,091
12000
–
–
5/8
1
0.250
0.531
0.110
15000
–
–
11/16
1-1/4
PROJECTION WELDING SCHEDULE GUIDE
FOR ONE PROJECTION:
FOR MORE THAN ONE PROJECTION:
CURRENT = 1T + .045 x 100,000 AMPS
CURRENT = 1T + .045 x 100,000 + 30% FOR EACH ADDITIONAL PROJECTION
TIME
= 2T x 100 HERTZ (CYCLES)
TIME
= 2T x 100 HERTZ (CYCLES)
= 2T x 6,000 LBS.
PRESSURE = 2T x 6,000 + 50% FOR EACH ADDITIONAL PROJECTION
SPOT WELDING LOW CARBON STEEL
1. Type of steel: SAE 1010
2. Material should be free from scale, oxides, paint, grease and oil.
3. Welding conditions determined by Thickness “T” of thinnest
outside piece.
4. Data for total thickness of pile-up not exceeding 4 “T”.
Recommended maximum ratio between two thicknesses: 3 to 1.
5. Electrode Material: Class 2 (Tuffaloy 77)
6. Minimum weld spacing is that spacing for two pieces for which
no special precautions need be taken to compensate for shunted
current effect of adjacent welds. For three pieces, increase
spacing 30 per cent.
SPOT WELDING GALVANIZED STEEL
1. Type of galvanized: 1.25 oz/ft2 nominal.
2. Material should be free from dirt, paint, grease and oil.
3. Welding conditions determined by thinnest of two pieces only.
Schedule is good for thickness ratios up to 2:1.
4. Electrode material: Class 1 or 2 (Tuffaloy 88 or 77).
5. Electrode nose design: Dome or truncated cone.
(from International Lead, Zinc Research Organization, Inc.)
PROJECTION WELDING DATA FOR LOW
CARBON AND STAINLESS STEEL
1. TYPES OF STEEL:
Low-Carbon-SAE 1010
Stainless-Types 309, 310, 316, 317, 321, 347 and 349.
(Non-Hardenable: Max. Carbon content 0.15%)
2. Material should be free from scale, oxides, paint, grease and oil.
3. Size of projection normally determined by thickness of thinner
piece, and projection should be on thicker piece where possible.
4. Data based on thickness of thinner sheet, and for two
thicknesses only.
5. Contacting overlap does not include any radii from forming, etc.
6. Weld should be located in center of overlap.
7. Projection should be made on piece of higher conductivity when
dissimilar metals are welded.
8. For diameter of projection “D” a tolerance of 0.003 in. in
material up to and including 0.050 in. in thickness and 0.007 in.
in material over 0.050 in. in thickness may be allowed.
9. For height of projection “H” a tolerance of 0.002 in. in material
up to and including 0.050 in. in thickness and 0.005 in. in
material over 0.050 in. in thickness may be allowed.
TUFFALOY
helpful suggestions
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com