Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175-4591 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # 175-4591
Description  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-4591 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button 175-4591 Datasheet HTML 27Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 28Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 29Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 30Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 31Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 32Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 33Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 34Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
1-3/4
5-5/8
3-1/2
AB
C
For Stud
Electrode
Electrode
Diameter
Length
Diameter
0.150
115
175-1151-X
0.164
116
175-1161-X
0.190
3
1-1/4
119
175-1191-X
0.216
122
175-1221-X
1/4
125
175-1252-X
5/16 & 8mm
131
175-1312-X
3/8
138
175-1382-X
7/16
144
175-1442-X
6mm
106
175-1061-X
7mm
107
175-1072-X
9mm
109
175-1092-X
10mm
110
175-1102-X
1/2
150
175-1503-X
9/16
3
1-1/2
156
175-1563-X
5/8
163
175-1633-X
11/16
169
175-1693-X
12mm
112
175-1123-X
HJ
K
L
For Nut
Pilot
Electrode Electrode
Diameter
Diameter
Length
Diameter
0.164
0.180
216
175-2162-X
0.190
0.215
219
175-2192-X
0.216
0.240
222
175-2222-X
1/4
0.275
4
1-1/4
225
175-2252-X
5/16 & 8mm
0.345
231
175-2312-X
3/8
0.405
238
175-2382-X
6mm
0.261
206
175-2062-X
7mm
0.300
207
175-2072-X
9mm
0.385
209
175-2092-X
10mm
0.425
210
175-2102-X
7/16
0.562
244
175-2443-X
1/2
0.625
4
1-1/2
250
175-2503-X
9/16
0.687
256
175-2563-X
12mm
0.595
212
175-2123-X
ARCTIC STUD ELECTRODES
ARCTIC NON-PILOTED-NUT ELECTRODES
ELECTRODE HOLDERS
U.S. Pat. No. 3,504,159
Canada Pat. No. 858,060
Several standard electrode holders are manufactured by Tuffaloy to
accommodate all the Tuffaloy stud-and nut electrode tips.
Straight Holders - Tuffaloy
straight nut-and-stud-electrode
holders are of the same high
quality as the standard straight
holders made for spot welder arm
mounting. Coolant is brought to
the tip and circulated around it.
Holders are available in three
barrel diameters.
For 1“ Dia.
For 1-1/2” Dia.
Electrodes
Electrodes
Descrip-
Part
Descrip-
Part
tion
No.
tion
No.
1
1-3/4
5-5/8
4530
350-4530
1-1/4
1-3/4
5-5/8
4531
350-4531
1-1/2
1-3/4
5-5/8
4532
350-4532
1
2
5-3/4
4535
350-4535
1-1/4
2
5-3/4
4536
350-4536
1-1/2
2
5-3/4
4537
350-4537
Straight
Holders
A
B
Barrel
Dia.
Length
Diameter
Arctic Electrodes - The Arctic system is a compact stud-and-
nut electrode with internal water cooling. Also available with
optional air expulsion and platen mounts.
Patent Pending
Descrip-
tion
Part Number
Shank Size
Descrip-
tion
Part Number
Shank Size
Straight Holder
ARCTIC HOLDERS
30
TUFFALOY
nut and stud welding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com