Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175-4591 Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # 175-4591
Description  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-4591 Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button 175-4591 Datasheet HTML 46Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 47Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 48Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 49Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 50Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 51Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 52Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 53Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 54Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 51 / 54 page
background image
TO DETERMINE SPOT WELDING SCHEDULE
CURRENT
=
2T x 100,000
=
AMPERES
TIME
=
2T x 100
=
CYCLES
PRESSURE
=
2T x 6000 (LB)
=
FORCE REQUIRED (LB)
T = THICKNESS OF THE THINNEST PIECE
APPROXIMATE PRESSURE EXERTED BY AIR CYLINDER SIZE
DIAMETER
CYLINDER AREA
SQ. INCHES
4”
=
12.5
x
=
5”
=
19.5
x
=
6”
=
28.0
x
=
8”
=
50.0
x
=
RESISTANCE WELDING MACHINE SETUP
Gage
Manufacturer’s
Gage
Manufacturer’s
Gage
Manufacturer’s
No.
Standard
No.
Standard
No.
Standard
3
0.2391
12
0.1046
22
0.0299
4
0.2242
13
0.0897
23
0.0269
5
0.2092
14
0.0747
24
0.0239
6
0.1943
15
0.0673
25
0.0209
7
0.1793
16
0.0598
26
0.0179
8
0.1644
17
0,0538
27
0.0164
9
0.1495
18
0.0478
28
0.0149
10
0.1345
19
0.0418
29
0.0135
11
0.1196
20
0.0359
30
0.0120
21
0.0329
STANDARD GAGE CHART
1. Use standard Tuffaloy electrodes with Tuffaloy
ejector type, self-adjusting tube, water-cooled
electrode holders wherever possible. Avoid
special or irregular shapes for lowest cost.
2. Use ample cold cooling water as close as practical
to the welding contact surface, properly circulated
at a minimum of 30-psi pressure, and supplied at a
rate of at least 1-1/2 gallons per minute.
3. Be sure to select the proper type and size of
electrode, taking into consideration electrode
pressure, contact area of electrode, gauge, and
nature of material to be welded. Consult the RWMA
Manual* or your Tuffaloy field engineer regarding
recommended practices. Overloading as well as
overheating shortens electrode life.
4. Good welds depend upon properly maintained
electrodes which assure an accurate surface
contact. Keep tapers clean and dress electrode
faces with lathe, emery paddle or fine file.
Use castor oil or graphite grease to facilitate
tip removal, and avoid application of insulators
such as teflon tape and other materials.
ELECTRODE LIFE SAVERS
Many factors affecting electrode cost and useful electrode life
are briefly outlined below.
PART TO BE WELDED
Lay out the part for resistance welding. Designing engineer,
welding engineer and production man in charge of welding
should cooperate in securing a better product at lowest cost.
Correct design permits the use of standard straight electrodes:
or standard offset or standard angular holders if the straight
approach is not possible. Special shaped electrodes cost
more, and the difficulty of cooling the electrode is amplified.
Single spot, multiple spot, projection, or other method may
be accurately chosen to achieve lowest cost. Consult the
R.W.M.A Manual.*
MATERIAL TO BE WELDED
The weldability of the materials can be determined by consulting
your material supplier, and by reviewing recommendations
covered in the R.W.M.A Manual.*
Surface conditions, rust, oil, dirt, and, on many articles, oxide film
and even handling marks have a decided effect on weld quality.
Cleaning may have to be a part of the welding job in some cases.
WELDING EQUIPMENT AND CONTROL
A welding machine of reputable quality purchased for a
particular application will be correctly designed both electrically
and mechanically, and will be supplied the correct control
equipment and electrodes for the work.
On machine change-overs make sure of adequate electrical
and mechanical capacity, and see that the necessary controls
are provided. Consult us when redesigning or revising your
choice of electrodes.
* Resistance Welding Manual, published by the Resistance Welder
Manufacturers Association.
The RWMA tip numbering system has generally replaced the
old Morse taper numbers with new “RW” numbers, and has
added two new sizes, as the chart illustrates.
Thickness in Decimals of an Inch
WELDER
GUAGE
PRESSURE
ELECTRODE
FORCE
PRESSURE
50
TUFFALOY
helpful suggestions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com