Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175-4591 Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # 175-4591
Description  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-4591 Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button 175-4591 Datasheet HTML 46Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 47Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 48Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 49Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 50Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 51Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 52Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 53Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 54Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 53 / 54 page
background image
TUFFALOY
helpful suggestions
52
DO’S
DON’TS
RESISTANCE WELDING
• Use the RWMA recommended electrode material for the
job you are running.
• Use RWMA standard electrodes whenever possible.
• Use the appropriate electrode diameter for the material
being welded.
• Use open sight drains or have water flow gauges on out
bound side to easily confirm water flow.
• Connect the water inlet hose to the proper holder inlet to
insure water flows through the center cooling tube first.
• Recommended water flow for the electrodes is 1.5 gallons
per minute of cold water.
• Insure that the water tube extends within 0.25” of the
bottom of the electrode water hole.
• Adjust the water tube position when changing to another
length electrode.
• Check water tube ends to insure they are not
damaged and have an angled cut at the end to prevent
water restriction.
• Use ejector type holders to simplify electrode removal.
• Keep the electrode and holder tapers clean to ensure
good leak free conduction.
• Dress electrodes frequently to insure good quality welds.
• Use raw-hide or hard rubber hammers for alignment
of electrodes.
• Provide cooling water on the exit side top and bottom
of seam welding applications.
• Use properly designed knurling wheels to insure
continuous dressing of the seam welding wheel.
• Lock out the machine when performing any type
of maintenance.
• Never use unidentified electrodes or materials.
• Avoid special, offset, or irregular electrodes when the
job can be done with standard electrodes.
• Do not use small electrodes on heavy gauge welding
jobs or large electrodes on small gauge materials.
• Do not forget to turn the water on full force before
starting to weld.
• Never use water hoses that do not fit the water fitting
properly.
• Do not allow water connections to become leaky,
clogged or broken.
• Avoid holders with leaking or deformed tapers.
• Never use holders that do not have adjustable water
deflector tubes.
• Never use pipe tape or similar product to stop a leak.
• Do not let your electrode mushroom excessively.
• Do not dress electrodes with a file.
• Do not use a steel hammer to adjust any part of a
welding machine.
• Do not permit seam welding wheels to run off the edge
of the work piece.
• Do not enter a work cell or reach into a welder without
using your lockout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com