Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175-4591 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # 175-4591
Description  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-4591 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button 175-4591 Datasheet HTML 22Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 23Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 24Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 25Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 26Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 27Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 28Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 29Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
OFFSET
SE-3248
Part No. 170-3248
FLAT FACED
SE-3249
Part No. 170-3249
TUFFALOY PADDLE-TYPE HOLDERS
AND SOCKET-TYPE TIPS
This holder is for welding in very restricted areas. It provides a very
low head height and a four-inch offset. It is made in shank diameters
of 3/4, 7/8, 1, and 1-1/4 inches. An adapter bushing is used to add a
1-1/2-in. dia. model to the line. Each holder comes complete with a
socket-type tip (SE-3101) and holding screw. The tip may be inserted
in either side of the paddle. Holders are of Class 2 alloy. Tips are
available in Class 1, Class 2, Class 3 alloy, or Z alloy.
The four socket-type tips shown here can be used in special welding
fixtures and dies as well as in the paddle-type
holders.
FLAT FACED
Class 1 SE-3099-1
Part No. 170-3099-1
Class 2 SE-3099
Part No. 170-3099
Class 3 SE-3111
Part No. 170-3111
ZIRC SE-3099-Z
Part No. 170-3099-Z
TRUNCATED CONE
Class 1 SE-3101-1
Part No. 170-3101-1
Class 2 SE-3101
Part No. 170-3101
Class 3 SE-3113
Part No. 170-3113
ZIRC SE-3101-Z
Part No. 170-3101-Z
OFFSET
Class 1 SE-3102-1
Part No. 170-3102-1
Class 2 SE-3102
Part No. 170-3102
Class 3 SE-3123
Part No. 170-3123
ZIRC SE-3102-Z
Part No. 170-3102-Z
RADIUS FACED
Class 1 SE-3110-1
Part No. 170-3110-1
Class 2 SE-3110
Part No. 170-3110
Class 3 SE-3133
Part No. 170-3133
ZIRC SE-3110-Z
Part No. 170-3110-Z
TUFFALOY HEAVY-DUTY
PADDLE-TYPE HOLDERS AND TIPS
TUFFALOY heavy-duty paddle-type holders are made of
the stronger Class 3 alloy, for greater rigidity and minimum
deflection, even under loads of 1000 pounds and more.
Class 3 alloy provides 154% more tensile strength.
Head height is a low 3/4-in. and the shank length is a
usable 4 inches.
Three low-profile electrodes of Class 2 alloy are offered for
use in this heavy-duty holder. If applications permit greater
head height, any standard No. 4 RW tip may be used.
OFFSET 4
11/16
SHANK
LENGTH
3
OFFSET 4
3/4
SHANK
LENGTH
4
TRUNCATED CONE
SE-3247
Part No. 170-3247
Shank
Descrip-
Part
Dia.
tion
No.
1
SH-7194
345-7194
1-1/4
SH-7195
345-7195
1-1/2
SH-7196
345-7196
Shank
Descrip-
Part
Dia.
tion
No.
3/4
P-750-490 345-0750
7/8
P-870-490 345-0870
1
P-100-490 345-1000
1-1/4
P-120-490 345-1200
1-1/2
P-150-490 345-1500
25
TUFFALOY
paddle-type holders



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com