Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175-4591 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # 175-4591
Description  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-4591 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button 175-4591 Datasheet HTML 31Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 32Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 33Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 34Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 35Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 36Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 37Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 38Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
Tip
Style
Shank
Descrip-
Spacing
Socket
Taper
tion*
Range
Taper
(inches)
4RW
TT-1408
1-1/4 to 2 4RW 5RW 4CT 5CT
LIGHT
4RW
TT-1416
2 to 4
4RW 5RW 4CT 5CT
Duty
5RW
TT-1508
1-1/2 to 2 4RW 5RW 4CT 5CT
5RW
TT-1516
2 to 4
4RW 5RW 4CT 5CT
5RW
TT-15516
2 to 4
4RW 5RW 4CT 5CT
5RW
TT-15524
4 to 6
4RW 5RW 4CT 5CT
HEAVY
6RW
TT-15616
2 to 4
4RW 5RW 4CT 5CT
Duty
6RW
TT-15624
4 to 6
4RW 5RW 4CT 5CT
7RW
TT-15716
2 to 4
4RW 5RW 4CT 5CT
7RW
TT-15724
4 to 6
4RW 5RW 4CT 5CT
QUICKEST WAY TO CUT WELDING COSTS
Increased productivity without capital investment or increased labor costs just has to spell PROFIT. Hundreds of
resistance welding users are profiting from the TUFFALOY methods of multiple welding, to produce almost any assembly
requiring closely spaced welds.
The key is to “think multiple!” Whenever the welding machine goes through a cycle, have it do more than one weld at
a time. It’s easy and practical with one of the TUFFALOY multiple welding devices: The Teeter-Tip dual tip adapter, the
Equatip dual tip holder, the Equa-Press dual tip holder, or the Tri-Spacer.
They’re ready to go to work, cutting costs and increasing production efficiency for you.
Study the multiple welding holders and adapters in this section. Learn their capabilities, “think multiple,” and you’ll
probably see many ways in which TUFFALOY multiple welding can improve your operation. Remember that TUFFALOY
is prepared to provide any special fixturing you need. Show our engineers what you require, and they’ll design a set-up
to do it.
*When ordering, also state exact tip spacing and tip
socket size, Example: TT - 1508 - 1-1/2 - 5CT. (5CT means
5/8” diameter cap, 4CT means 1/2” diameter cap.)
TEETER-TIP DUAL TIP ADAPTERS
U.S. Pat. 3,356,821
You can spot or projection weld in half the time by doubling the number of welds
per machine stroke. Use Teeter-Tip dual tip adapters, which come with water-
coolant fittings to beat high heat build-up. These, adapters transmit total pressures
of 1000 lbs., and deliver equal current and pressure to each tip. They compensate
for normal electrode wear, imperfect tip dressing, and work variations up to .060”.
LIGHT-DUTY adapters have no. 4 or 5 RW shanks, tip spacing to 4 inches, tip
sockets for 1/2” or 5/8” diameter male Tuffcap caps, or 4 RW tips (5/8” cap
sockets are standard).
HEAVY-DUTY adapters have shanks from 5 to 7 RW size, tip spacing to
6 inches, tip sockets for 1/2” or 5/8” diameter male Tuffcap caps, or
4 or 5 RW tips (4 RW sockets are standard). These adapters have a
deeper, stronger body.
Two low-height 5/8” dia. cap-type tips are shown below. They are
recommended for use in these adapters. Other standard caps, both
5/8” & 1/2” dia., are tabled on the next page. You must specify the
size tip sockets you want, or the standard socket will be supplied.
TRUNCATED CONE SE-6332
(Part No. 186-0522)
FLAT FACED SE-6296
(Part No. 186-0523)
LIGHT DUTY
HEAVY DUTY
34
TUFFALOY
multiple welding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com