Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175-4591 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # 175-4591
Description  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-4591 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button 175-4591 Datasheet HTML 18Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 19Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 20Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 21Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 22Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 23Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 24Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 25Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
Body
Tip
Descrip-
Part
Dia.
Socket
tion
No.
3/4
4RW
N-06034
330-0140
7/8
4RW
N-07034
330-0180
7/8
5RW
N-07035
330-0190
1
4RW
N-08034
330-0220
1
5RW
N-08035
330-0230
1-1/4
4RW
N-10034
330-0280
1-1/4
5RW
N-10035
330-0290
1-1/2
4RW
N-12034
330-0360*
1-1/2
5RW
N-12035
330-0370*
CLOSED-COUPLED HOLDERS
ADJUSTABLE WATER TUBE USE
For use where welding space is limited. Standard body length is 3 inches. Other lengths are made on request; minimum
length 2 inches.
It is very important that resistance welding electrodes be kept as cool as possible; excessive heat softens them, allowing
the nose to mushroom and weld quality to drop.
Adjustable water tubes are used to deflect incoming coolant water to the full extent of the water hole in the electrode.
Before installing a tip, check that there is an adjustable water tube in place and that it is pulled out far enough so that it
will contact the end of the water hole in the tip.
The drawing shows a typical straight holder, but the principle is the same for all types of holders.
Adjustable water tube correctly positioned in tip. Cold water will strike the hottest part of the tip first.
*Item not normally stocked
BARREL LENGTH 3
6
5/16 O.D. TUBE
1/4 O.D. ADJUSTABLE
WATER TUBE
SHANK LENGTH 4-1/8
RW TAPER
SOCKET
60
°
21
TUFFALOY
tip holders



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com