Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175-4591 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # 175-4591
Description  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-4591 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button 175-4591 Datasheet HTML 25Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 26Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 27Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 28Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 29Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 30Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 31Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 32Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
Size 1 (Small)
Size 2 (Large)
Descrip-
Part
Descrip-
Part
tion
No.
tion
No.
4
4560
350-4560
4570
350-4570
5
4561
350-4561
4571
350-4571
6
4562
350-4562
4572
350-4572*
7
4563
350-4563
4573
350-4573
STANDARD TIP PM HOLDERS
For 1“ Dia. Electrodes
For 1-1/2” Dia. Electrodes
Description
Part No.
Description
Part No.
3-1/2
1PM
4515
350-4515
5 & 6
2PM
4525
350-4525
4526
350-4526
Thread Size
Size 1
Size 2
5/8-11
350-4580
350-4590
3/4-10
350-4581
350-4591
FOR THREADED ELECTRODES
PM HOLDERS
TUFFALOY PM holders may be mounted directly to press-
type welder platens, or they can be used as components
of special weld fixturing. They come in two sizes, which
match standard T-slot spacings (either of which can be
furnished to hold any of the four standard tips: 4, 5, 6
or 7 RW). The smaller holder is for use on RWMA Size 1
welders, which have the 3-1/2” spacing. The larger one
is for the Size 2 and 3 welders, which have the 5- and
6-inch spacing.
Big, half-inch mounting bolts may be used to assure
good conductivity. The holders may be used one-to-
one or in multiples closely bunched. PM holders make
special fixture building easy. They can be bolted to a
fixture or back-up base as easily as to a platen. They
are compact and have self-contained coolant systems.
*Item not normally stocked
RW Tip
Socket
PM Holders
Holder
T-Slot Spacing
Size
Size 2 PM Holder
Size 1 PM Holder
2-3/8
7/8
7
1-5/8
Size 2 PM Holder (3/4-in. mounting bolts)
1/2"
4-1/4"
1-3/4"
THREAD SIZE
1-1/2" HEX.
(PIPE THREAD
ON REQUEST)
7/8-14 &
1-12 ONLY
This Style Only
BODY IS 2” WIDE
BODY IS
1-1/2” WIDE
Thread Size
Size 1
Size 2
7/8-14
350-4582
350-4592
1-12
350-4583
350-4593
FOR THREADED ADAPTERS
See adapters page 16
28
TUFFALOY
platen-mounted holders



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com