Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175-4591 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # 175-4591
Description  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-4591 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button 175-4591 Datasheet HTML 35Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 36Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 37Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 38Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 39Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 40Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 41Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 42Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
Mounting Style
Descrip-
Part
tion
No.
1-in. shank
4040
350-4040
1-1/4-in. shank
4041
350-4041
1-1/2-in. shank
4042
350-4042
Platen
4043
350-4043
Shank
Descrip-
Part
Dia.
tion
No.
1
4025
350-4025
1-1/4
4026
350-4026
1-1/2
4027
350-4027
TRISPACER HOLDER
LOWER ELECTRODE
SYMBOLS
TRISPACERTM TRIPLE TIP HOLDER
U.S. Pat. No. 3,558,848
The Trispacer tip holder will make three spot welds at
one time, automatically splitting the current and the
pressure equally between the three tips. In doing so,
it compensates for variations in work thicknesses and
electrode wear-up to 3/16-in.
The three tip-holder barrels (#5 RW) are equidistant
from one another, all falling on a 1-5/8-in. diameter
circle (in the standard model shown). Using straight
tips the weld pattern would form an equilateral triangle.
However, the weld pattern can be widely varied by using
standard or special bent tips. In fact, the three welds
can be made in a straight line.
The Trispacer Holder works in the same simple,
mechanical way as the Equa-Press Holder: The tip-
holding barrels have a limited up-and-down movement,
to accommodate work conditions, and are adjusted to
deliver equal pressure by the cone-shaped equalizing
device in the housing. AlI current-carrying parts are
made of RWMA copper alloys. It is made in two styles:
to mount directly to the platen of press-type welders,
and with shanks to fit in welder arms.
LOWER ELECTRODE
A simple, water-cooled lower electrode is made for
use with the Trispacer holder. Its three-inch-diameter
face makes it usable with any weld pattern that may
be developed for the Trispacer. It comes in three shank
diameter models.
Diagram indicates the wide range of
weld patterns which can be made with
the Trispacer by using straight, standard
bent or special bent tips.
Maximum Triangle Size
Straight-Tip Triangle Size
Minimum Triangle Size
Maximum Straight-Line Spacing
1-7/8
3
1/2
4
2
5 RW TAPER
PLATEN
DIMENSIONS
1/2 x 3-1/2 x 7
3 DIA.
38
TUFFALOY
multiple welding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com