Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175-4591 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # 175-4591
Description  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-4591 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button 175-4591 Datasheet HTML 39Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 40Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 41Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 42Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 43Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 44Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 45Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 46Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
MCM
O.D.
Lug Width Lug Thickness
Rating (approx.)
A
B
600
1-5/8
1-3/8
.50
750
1-3/4
1-3/8
.60
1000
2
1-1/2
.70
1200
2-1/8
1-1/2
.82
1500
2-1/4
1-1/2
.99
DIMENSIONS, INCHES
Laminated copper shunts are made
to your size and shape specifications.
High conductivity electrolytic copper
strip is used, and terminal clips are
riveted in place.
HOW TO ORDER
Give the following information:
Type (C, F, or J)
Outside length (OL)
Width (W)
Thickness (less clip) (T)
Hole pattern (specify by letter code)
Hole location (X, Y, Z values)
Hole diameter
Air-cooled jumper cables are flexible,
high-conductivity copper conductors
with insulative sleeves. They are made
in lengths to suit your needs.
HOW TO ORDER
Give the following information:
Conductor rating (MCM)
Length between holes
Terminal orientation style
Holes are 17/32 unless otherwise specified.
HOLE
PATTERN A
HOLE
PATTERN B
HOLE
PATTERN C
HOLE
PATTERN E
TYPE C
TYPE F
TYPE J
TERMINAL ORIENTATION
TUFFALOY
shunts and jumpers
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com