Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175-4591 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # 175-4591
Description  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-4591 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button 175-4591 Datasheet HTML 19Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 20Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 21Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 22Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 23Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 24Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 25Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 26Page - List of Unclassifed Manufacturers 175-4591 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
BARREL LENGTH
HOLE DIA. (TEE CONNECTOR)
2-1/4
SHANK DIA.
90
°
30
°
HOLDERS
TEE CONNECTORS
Barrel
Barrel
Descrip-
Part
Hole
Shank
Descrip-
Part
Dia.
Length
tion.
No.
Dia.
Dia.
tion
No.
1
8
N-08085-A
325-0235
1
1
T-1-1
192-1100
1-1/4
8
N-10085-A
325-0295
1-1/4
1
T-1
192-1000
1-1/4
8
N-10085-A
325-0295
1-1/4
1
T-1
192-1000
1-1/4
8
N-10085-A
325-0295
1-1/4
1-1/4
T-125
192-1250
1-1/4
8
N-10085-A
325-0295
1-1/4
1-1/4
T-125
192-1250
1-1/4
8
N-10085-A
325-0295
1-1/4
1-1/4
T-125
192-1250
1-1/2
8
N-12085-A
325-0375
1-1/2
1-1/2
T-15
192-1500
1-1/2
8
N-12085-A
325-0375
1-1/2
1-1/2
T-15
192-1500
1-1/2
8
N-12085-A
325-0375
1-1/2
1-1/2
T-15
192-1500
AB
C
Arm
Hole
Arm
Diameter Diameter* Length
12
SH-7320-1
630-7321
2
1
16
SH-7320-2
630-7322
20
SH-7320-3
630-7323
12
SH-7320-4
630-7324
2-1/2
1-1/4
16
SH-7320-5
630-7325
20
SH-7320-6
630-7326
12
SH-7320-7
630-7327
3
1-1/2
16
SH-7320-8
630-7328
20
SH-7320-9
630-7329
*These diameters will be supplied unless otherwise specified.
UNIVERSAL HOLDER ASSEMBLIES
Holders, Tee Connectors, and Adapters may be assembled
as shown, line by line in the table, to make up holder
assemblies that will do spot welding in many otherwise
inaccessible places. Goldcrown (ejector-type) holders
may be used in place of the non-ejector holders listed.
The Tee Connector is Class 3 RWMA alloy.
Class 2 spot welding machine arms made by Tuffaloy reduce set up time and give longer life.
Electrode holder shanks can be attached to these arms from the front, by bolting the cap over them. This means no extra clearance is
required between the arms to allow running a shank up (or down) into a hole in the arm. It makes the insertion of Tuffaloy multiple-
welding holders much easier.
One of the most common failures of welder arms is the destruction of the bolt hole threads, due to the relatively soft copper involved.
Tuffaloy arms have a transverse steel bar insert in which the bolt hole
threads are cut. This provides greatly increased thread life.
Standard arm configurations are shown in the table. Special arms
are also available.
Descrip-
tion
Part
No.
AD-584-30, for 4RW Tip
Part No. 190-8430
AD-585-30, for 5RW Tip
Part No. 190-8530
AD-584-90, for 4RW Tip
Part No. 190-8490
AD-585-90, for 5RW Tip
Part No. 190-8590
AD-585-90E, for 5RW Tip
Part No. 190-9590
ADAPTERS TO CHOOSE FROM
Tip
Angle
Descrip-
Part
Socket Degrees
tion
No.
4RW
90
AD-584-90
190-8490
4RW
30
AD-584-30
190-8430
5RW
90
AD-585-90
190-8590
5RW
30
AD-585-30
190-8530
6RW
90
AD-586-90
190-8690
22
TUFFALOY
offset holders
TUFFALOY
welder arms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com