Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8086-2 Datasheet(PDF) 6 Page - Intel Corporation

Part # 8086-2
Description  16-BIT HMOS MICROPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8086-2 Datasheet(HTML) 6 Page - Intel Corporation

Back Button 8086-2 Datasheet HTML 2Page - Intel Corporation 8086-2 Datasheet HTML 3Page - Intel Corporation 8086-2 Datasheet HTML 4Page - Intel Corporation 8086-2 Datasheet HTML 5Page - Intel Corporation 8086-2 Datasheet HTML 6Page - Intel Corporation 8086-2 Datasheet HTML 7Page - Intel Corporation 8086-2 Datasheet HTML 8Page - Intel Corporation 8086-2 Datasheet HTML 9Page - Intel Corporation 8086-2 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
8086
FUNCTIONAL DESCRIPTION
General Operation
The internal functions of the 8086 processor are
partitioned logically into two processing units. The
first is the Bus Interface Unit (BIU) and the second is
the Execution Unit (EU) as shown in the block dia-
gram of Figure 1.
These units can interact directly but for the most
part perform as separate asynchronous operational
processors. The bus interface unit provides the func-
tions related to instruction fetching and queuing, op-
erand fetch and store, and address relocation. This
unit also provides the basic bus control. The overlap
of instruction pre-fetching provided by this unit
serves to increase processor performance through
improved bus bandwidth utilization. Up to 6 bytes of
the instruction stream can be queued while waiting
for decoding and execution.
The instruction stream queuing mechanism allows
the BIU to keep the memory utilized very efficiently.
Whenever there is space for at least 2 bytes in the
queue, the BIU will attempt a word fetch memory
cycle. This greatly reduces ‘‘dead time’’ on the
memory bus. The queue acts as a First-In-First-Out
(FIFO) buffer, from which the EU extracts instruction
bytes as required. If the queue is empty (following a
branch instruction, for example), the first byte into
the queue immediately becomes available to the EU.
The execution unit receives pre-fetched instructions
from the BIU queue and provides un-relocated oper-
and addresses to the BIU. Memory operands are
passed through the BIU for processing by the EU,
which passes results to the BIU for storage. See the
Instruction Set description for further register set
and architectural descriptions.
MEMORY ORGANIZATION
The processor provides a 20-bit address to memory
which locates the byte being referenced. The memo-
ry is organized as a linear array of up to 1 million
bytes, addressed as 00000(H) to FFFFF(H). The
memory is logically divided into code, data, extra
data, and stack segments of up to 64K bytes each,
with each segment falling on 16-byte boundaries.
(See Figure 3a.)
All memory references are made relative to base ad-
dresses contained in high speed segment registers.
The segment types were chosen based on the ad-
dressing needs of programs. The segment register
to be selected is automatically chosen according to
the rules of the following table. All information in one
segment type share the same logical attributes (e.g.
code or data). By structuring memory into relocat-
able areas of similar characteristics and by automati-
cally selecting segment registers, programs are
shorter, faster, and more structured.
Word (16-bit) operands can be located on even or
odd address boundaries and are thus not con-
strained to even boundaries as is the case in many
16-bit computers. For address and data operands,
the least significant byte of the word is stored in the
lower valued address location and the most signifi-
cant byte in the next higher address location. The
BIU automatically performs the proper number of
memory accesses, one if the word operand is on an
even byte boundary and two if it is on an odd byte
boundary. Except for the performance penalty, this
double access is transparent to the software. This
performance penalty does not occur for instruction
fetches, only word operands.
Physically, the memory is organized as a high bank
(D15–D8) and a low bank (D7–D0) of 512K 8-bit
bytes addressed in parallel by the processor’s ad-
dress lines A19–A1. Byte data with even addresses
is transferred on the D7–D0 bus lines while odd ad-
dressed byte data (A0 HIGH) is transferred on the
D15–D8 bus lines. The processor provides two en-
able signals, BHE and A0, to selectively allow read-
ing from or writing into either an odd byte location,
even byte location, or both. The instruction stream is
fetched from memory as words and is addressed
internally by the processor to the byte level as nec-
essary.
Memory
Segment Register
Segment
Reference Need
Used
Selection Rule
Instructions
CODE (CS)
Automatic with all instruction prefetch.
Stack
STACK (SS)
All stack pushes and pops. Memory references relative to BP
base register except data references.
Local Data
DATA (DS)
Data references when: relative to stack, destination of string
operation, or explicitly overridden.
External (Global) Data
EXTRA (ES)
Destination of string operations: explicitly selected using a
segment override.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com