Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8086-2 Datasheet(PDF) 20 Page - Intel Corporation

Part # 8086-2
Description  16-BIT HMOS MICROPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8086-2 Datasheet(HTML) 20 Page - Intel Corporation

Back Button 8086-2 Datasheet HTML 16Page - Intel Corporation 8086-2 Datasheet HTML 17Page - Intel Corporation 8086-2 Datasheet HTML 18Page - Intel Corporation 8086-2 Datasheet HTML 19Page - Intel Corporation 8086-2 Datasheet HTML 20Page - Intel Corporation 8086-2 Datasheet HTML 21Page - Intel Corporation 8086-2 Datasheet HTML 22Page - Intel Corporation 8086-2 Datasheet HTML 23Page - Intel Corporation 8086-2 Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
8086
A.C. CHARACTERISTICS (Continued)
TIMING RESPONSES
Symbol
Parameter
8086
8086-1
8086-2
Units
Test
Min
Max
Min
Max
Min
Max
Conditions
TCLML
Command Active
10
35
10
35
10
35
ns
Delay (See Note 1)
TCLMH
Command Inactive
10
35
10
35
10
35
ns
Delay (See Note 1)
TRYHSH
READY Active to
110
45
65
ns
Status Passive (See
Note 3)
TCHSV
Status Active Delay
10
110
10
45
10
60
ns
TCLSH
Status Inactive
10
130
10
55
10
70
ns
Delay
TCLAV
Address Valid Delay
10
110
10
50
10
60
ns
TCLAX
Address Hold Time
10
10
10
ns
TCLAZ
Address Float Delay
TCLAX
80
10
40
TCLAX
50
ns
TSVLH
Status Valid to ALE
15
15
15
ns
High (See Note 1)
TSVMCH
Status Valid to
15
15
15
ns
MCE High (See
Note 1)
TCLLH
CLK Low to ALE
15
15
15
ns
CL e 20–100 pF
for all 8086
Valid (See Note 1)
Outputs (In
TCLMCH
CLK Low to MCE
15
15
15
ns
addition to 8086
High (See Note 1)
self-load)
TCHLL
ALE Inactive Delay
15
15
15
ns
(See Note 1)
TCLMCL
MCE Inactive Delay
15
15
15
ns
(See Note 1)
TCLDV
Data Valid Delay
10
110
10
50
10
60
ns
TCHDX
Data Hold Time
10
10
10
ns
TCVNV
Control Active
5
45
5
45
5
45
ns
Delay (See Note 1)
TCVNX
Control Inactive
10
45
10
45
10
45
ns
Delay (See Note 1)
TAZRL
Address Float to
0
0
0
ns
READ Active
TCLRL
RD Active Delay
10
165
10
70
10
100
ns
TCLRH
RD Inactive Delay
10
150
10
60
10
80
ns
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com