Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8086-2 Datasheet(PDF) 11 Page - Intel Corporation

Part # 8086-2
Description  16-BIT HMOS MICROPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8086-2 Datasheet(HTML) 11 Page - Intel Corporation

Back Button 8086-2 Datasheet HTML 7Page - Intel Corporation 8086-2 Datasheet HTML 8Page - Intel Corporation 8086-2 Datasheet HTML 9Page - Intel Corporation 8086-2 Datasheet HTML 10Page - Intel Corporation 8086-2 Datasheet HTML 11Page - Intel Corporation 8086-2 Datasheet HTML 12Page - Intel Corporation 8086-2 Datasheet HTML 13Page - Intel Corporation 8086-2 Datasheet HTML 14Page - Intel Corporation 8086-2 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
8086
MASKABLE INTERRUPT (INTR)
The 8086 provides a single interrupt request input
(INTR) which can be masked internally by software
with the resetting of the interrupt enable FLAG
status bit. The interrupt request signal is level trig-
gered. It is internally synchronized during each clock
cycle on the high-going edge of CLK. To be re-
sponded to, INTR must be present (HIGH) during
the clock period preceding the end of the current
instruction or the end of a whole move for a block-
type instruction. During the interrupt response se-
quence further interrupts are disabled. The enable
bit is reset as part of the response to any interrupt
(INTR, NMI, software interrupt or single-step), al-
though the FLAGS register which is automatically
pushed onto the stack reflects the state of the proc-
essor prior to the interrupt. Until the old FLAGS reg-
ister is restored the enable bit will be zero unless
specifically set by an instruction.
During the response sequence (Figure 6) the proc-
essor executes two successive (back-to-back) inter-
rupt acknowledge cycles. The 8086 emits the LOCK
signal from T2 of the first bus cycle until T2 of the
second. A local bus ‘‘hold’’ request will not be hon-
ored until the end of the second bus cycle. In the
second bus cycle a byte is fetched from the external
interrupt system (e.g., 8259A PIC) which identifies
the source (type) of the interrupt. This byte is multi-
plied by four and used as a pointer into the interrupt
vector lookup table. An INTR signal left HIGH will be
continually responded to within the limitations of the
enable bit and sample period. The INTERRUPT RE-
TURN instruction includes a FLAGS pop which re-
turns the status of the original interrupt enable bit
when it restores the FLAGS.
HALT
When a software ‘‘HALT’’ instruction is executed the
processor indicates that it is entering the ‘‘HALT’’
state in one of two ways depending upon which
mode is strapped. In minimum mode, the processor
issues one ALE with no qualifying bus control sig-
nals. In maximum mode, the processor issues ap-
propriate HALT status on S2, S1, and S0; and the
8288 bus controller issues one ALE. The 8086 will
not leave the ‘‘HALT’’ state when a local bus ‘‘hold’’
is entered while in ‘‘HALT’’. In this case, the proces-
sor reissues the HALT indicator. An interrupt request
or RESET will force the 8086 out of the ‘‘HALT’’
state.
READ/MODIFY/WRITE (SEMAPHORE)
OPERATIONS VIA LOCK
The LOCK status information is provided by the
processor when directly consecutive bus cycles are
required
during
the
execution
of
an
instruc-
tion. This provides the processor with the capability
of performing read/modify/write operations on
memory (via the Exchange Register With Memory
instruction, for example) without the possibility of an-
other system bus master receiving intervening mem-
ory cycles. This is useful in multi-processor system
configurations to accomplish ‘‘test and set lock’’ op-
erations. The LOCK signal is activated (forced LOW)
in the clock cycle following the one in which the soft-
ware ‘‘LOCK’’ prefix instruction is decoded by the
EU. It is deactivated at the end of the last bus cycle
of the instruction following the ‘‘LOCK’’ prefix in-
struction. While LOCK is active a request on a RQ/
GT pin will be recorded and then honored at the end
of the LOCK.
231455 – 9
Figure 6. Interrupt Acknowledge Sequence
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com