Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8086-2 Datasheet(PDF) 16 Page - Intel Corporation

Part # 8086-2
Description  16-BIT HMOS MICROPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8086-2 Datasheet(HTML) 16 Page - Intel Corporation

Back Button 8086-2 Datasheet HTML 12Page - Intel Corporation 8086-2 Datasheet HTML 13Page - Intel Corporation 8086-2 Datasheet HTML 14Page - Intel Corporation 8086-2 Datasheet HTML 15Page - Intel Corporation 8086-2 Datasheet HTML 16Page - Intel Corporation 8086-2 Datasheet HTML 17Page - Intel Corporation 8086-2 Datasheet HTML 18Page - Intel Corporation 8086-2 Datasheet HTML 19Page - Intel Corporation 8086-2 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
8086
A.C. CHARACTERISTICS (Continued)
TIMING RESPONSES
Symbol
Parameter
8086
8086-1
8086-2
Units
Test
Min
Max
Min
Max
Min
Max
Conditions
TCLAV
Address Valid Delay
10
110
10
50
10
60
ns
TCLAX
Address Hold Time
10
10
10
ns
TCLAZ
Address Float
TCLAX
80
10
40
TCLAX
50
ns
Delay
TLHLL
ALE Width
TCLCH-20
TCLCH-10
TCLCH-10
ns
TCLLH
ALE Active Delay
80
40
50
ns
TCHLL
ALE Inactive Delay
85
45
55
ns
TLLAX
Address Hold Time
TCHCL-10
TCHCL-10
TCHCL-10
ns
TCLDV
Data Valid Delay
10
110
10
50
10
60
ns
*CL e 20–100 pF
for all 8086
TCHDX
Data Hold Time
10
10
10
ns
Outputs (In
addition to 8086
TWHDX Data Hold Time
TCLCH-30
TCLCH-25
TCLCH-30
ns
selfload)
After WR
TCVCTV Control Active
10
110
10
50
10
70
ns
Delay 1
TCHCTV Control Active
10
110
10
45
10
60
ns
Delay 2
TCVCTX Control Inactive
10
110
10
50
10
70
ns
Delay
TAZRL
Address Float to
0
0
0
ns
READ Active
TCLRL
RD Active Delay
10
165
10
70
10
100
ns
TCLRH
RD Inactive Delay
10
150
10
60
10
80
ns
TRHAV
RD Inactive to Next
TCLCL-45
TCLCL-35
TCLCL-40
ns
Address Active
TCLHAV HLDA Valid Delay
10
160
10
60
10
100
ns
TRLRH
RD Width
2TCLCL-75
2TCLCL-40
2TCLCL-50
ns
TWLWH WR Width
2TCLCL-60
2TCLCL-35
2TCLCL-40
ns
TAVAL
Address Valid to
TCLCH-60
TCLCH-35
TCLCH-40
ns
ALE Low
TOLOH
Output Rise Time
20
20
20
ns
From 0.8V to 2.0V
TOHOL
Output Fall Time
12
12
12
ns
From 2.0V to 0.8V
NOTES:
1. Signal at 8284A shown for reference only.
2. Setup requirement for asynchronous signal only to guarantee recognition at next CLK.
3. Applies only to T2 state. (8 ns into T3).
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com