Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8086-2 Datasheet(PDF) 5 Page - Intel Corporation

Part # 8086-2
Description  16-BIT HMOS MICROPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8086-2 Datasheet(HTML) 5 Page - Intel Corporation

  8086-2 Datasheet HTML 1Page - Intel Corporation 8086-2 Datasheet HTML 2Page - Intel Corporation 8086-2 Datasheet HTML 3Page - Intel Corporation 8086-2 Datasheet HTML 4Page - Intel Corporation 8086-2 Datasheet HTML 5Page - Intel Corporation 8086-2 Datasheet HTML 6Page - Intel Corporation 8086-2 Datasheet HTML 7Page - Intel Corporation 8086-2 Datasheet HTML 8Page - Intel Corporation 8086-2 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
8086
Table 1. Pin Description
(Continued)
Symbol
Pin No.
Type
Name and Function
QS1, QS0
24, 25
O
QUEUE STATUS:
The queue status is valid during the CLK cycle after
which the queue operation is performed.
QS1 and QS0 provide status to allow external tracking of the internal
8086 instruction queue.
QS1
QS0
Characteristics
0 (LOW)
0
No Operation
0
1
First Byte of Op Code from Queue
1 (HIGH)
0
Empty the Queue
1
1
Subsequent Byte from Queue
The following pin function descriptions are for the 8086 in minimum mode (i.e., MN/MX
e VCC). Only the pin
functions which are unique to minimum mode are described; all other pin functions are as described above.
M/IO
28
O
STATUS LINE:
logically equivalent to S2 in the maximum mode. It is used to
distinguish a memory access from an I/O access. M/IO becomes valid in
the T4 preceding a bus cycle and remains valid until the final T4 of the cycle
(M
e HIGH, IO e LOW). M/IO floats to 3-state OFF in local bus ‘‘hold
acknowledge’’.
WR
29
O
WRITE:
indicates that the processor is performing a write memory or write
I/O cycle, depending on the state of the M/IO signal. WR is active for T2, T3
and TW of any write cycle. It is active LOW, and floats to 3-state OFF in
local bus ‘‘hold acknowledge’’.
INTA
24
O
INTA:
is used as a read strobe for interrupt acknowledge cycles. It is active
LOW during T2, T3 and TW of each interrupt acknowledge cycle.
ALE
25
O
ADDRESS LATCH ENABLE:
provided by the processor to latch the
address into the 8282/8283 address latch. It is a HIGH pulse active during
T1 of any bus cycle. Note that ALE is never floated.
DT/R
27
O
DATA TRANSMIT/RECEIVE:
needed in minimum system that desires to
use an 8286/8287 data bus transceiver. It is used to control the direction of
data flow through the transceiver. Logically DT/R is equivalent to S1 in the
maximum mode, and its timing is the same as for M/IO. (T
e HIGH, R e
LOW.) This signal floats to 3-state OFF in local bus ‘‘hold acknowledge’’.
DEN
26
O
DATA ENABLE:
provided as an output enable for the 8286/8287 in a
minimum system which uses the transceiver. DEN is active LOW during
each memory and I/O access and for INTA cycles. For a read or INTA cycle
it is active from the middle of T2 until the middle of T4, while for a write cycle
it is active from the beginning of T2 until the middle of T4. DEN floats to 3-
state OFF in local bus ‘‘hold acknowledge’’.
HOLD,
31, 30
I/O
HOLD:
indicates that another master is requesting a local bus ‘‘hold.’’ To be
acknowledged, HOLD must be active HIGH. The processor receiving the
HLDA
‘‘hold’’ request will issue HLDA (HIGH) as an acknowledgement in the
middle of a T4 or Ti clock cycle. Simultaneous with the issuance of HLDA
the processor will float the local bus and control lines. After HOLD is
detected as being LOW, the processor will LOWer the HLDA, and when the
processor needs to run another cycle, it will again drive the local bus and
control lines. Hold acknowledge (HLDA) and HOLD have internal pull-up
resistors.
The same rules as for RQ/GT apply regarding when the local bus will be
released.
HOLD is not an asynchronous input. External synchronization should be
provided if the system cannot otherwise guarantee the setup time.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com