Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8086-2 Datasheet(PDF) 2 Page - Intel Corporation

Part # 8086-2
Description  16-BIT HMOS MICROPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8086-2 Datasheet(HTML) 2 Page - Intel Corporation

  8086-2 Datasheet HTML 1Page - Intel Corporation 8086-2 Datasheet HTML 2Page - Intel Corporation 8086-2 Datasheet HTML 3Page - Intel Corporation 8086-2 Datasheet HTML 4Page - Intel Corporation 8086-2 Datasheet HTML 5Page - Intel Corporation 8086-2 Datasheet HTML 6Page - Intel Corporation 8086-2 Datasheet HTML 7Page - Intel Corporation 8086-2 Datasheet HTML 8Page - Intel Corporation 8086-2 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
8086
Table 1. Pin Description
The following pin function descriptions are for 8086 systems in either minimum or maximum mode. The ‘‘Local
Bus’’ in these descriptions is the direct multiplexed bus interface connection to the 8086 (without regard to
additional bus buffers).
Symbol
Pin No.
Type
Name and Function
AD15–AD0
2 – 16, 39
I/O
ADDRESS DATA BUS:
These lines constitute the time multiplexed
memory/IO address (T1), and data (T2, T3, TW, T4) bus. A0 is
analogous to BHE for the lower byte of the data bus, pins D7–D0. It is
LOW during T1 when a byte is to be transferred on the lower portion
of the bus in memory or I/O operations. Eight-bit oriented devices tied
to the lower half would normally use A0 to condition chip select
functions. (See BHE.) These lines are active HIGH and float to 3-state
OFF during interrupt acknowledge and local bus ‘‘hold acknowledge’’.
A19/S6,
35 – 38
O
ADDRESS/STATUS:
During T1 these are the four most significant
address lines for memory operations. During I/O operations these
A18/S5,
lines are LOW. During memory and I/O operations, status information
A17/S4,
is available on these lines during T2, T3, TW, T4. The status of the
A16/S3
interrupt enable FLAG bit (S5) is updated at the beginning of each
CLK cycle. A17/S4 and A16/S3 are encoded as shown.
This information indicates which relocation register is presently being
used for data accessing.
These lines float to 3-state OFF during local bus ‘‘hold acknowledge.’’
A17/S4
A16/S3
Characteristics
0 (LOW)
0
Alternate Data
0
1
Stack
1 (HIGH)
0
Code or None
1
1
Data
S6 is 0
(LOW)
BHE/S7
34
O
BUS HIGH ENABLE/STATUS:
During T1 the bus high enable signal
(BHE) should be used to enable data onto the most significant half of
the data bus, pins D15–D8. Eight-bit oriented devices tied to the upper
half of the bus would normally use BHE to condition chip select
functions. BHE is LOW during T1 for read, write, and interrupt
acknowledge cycles when a byte is to be transferred on the high
portion of the bus. The S7 status information is available during T2,
T3, and T4. The signal is active LOW, and floats to 3-state OFF in
‘‘hold’’. It is LOW during T1 for the first interrupt acknowledge cycle.
BHE
A0
Characteristics
0
0
Whole word
0
1
Upper byte from/to odd address
1
0
Lower byte from/to even address
1
1
None
RD
32
O
READ:
Read strobe indicates that the processor is performing a
memory or I/O read cycle, depending on the state of the S2 pin. This
signal is used to read devices which reside on the 8086 local bus. RD
is active LOW during T2, T3 and TW of any read cycle, and is
guaranteed to remain HIGH in T2 until the 8086 local bus has floated.
This signal floats to 3-state OFF in ‘‘hold acknowledge’’.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com