Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8086-2 Datasheet(PDF) 10 Page - Intel Corporation

Part # 8086-2
Description  16-BIT HMOS MICROPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8086-2 Datasheet(HTML) 10 Page - Intel Corporation

Back Button 8086-2 Datasheet HTML 6Page - Intel Corporation 8086-2 Datasheet HTML 7Page - Intel Corporation 8086-2 Datasheet HTML 8Page - Intel Corporation 8086-2 Datasheet HTML 9Page - Intel Corporation 8086-2 Datasheet HTML 10Page - Intel Corporation 8086-2 Datasheet HTML 11Page - Intel Corporation 8086-2 Datasheet HTML 12Page - Intel Corporation 8086-2 Datasheet HTML 13Page - Intel Corporation 8086-2 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
8086
Status bits S3 through S7 are multiplexed with high-
order address bits and the BHE signal, and are
therefore valid during T2 through T4. S3 and S4 indi-
cate which segment register (see Instruction Set de-
scription) was used for this bus cycle in forming the
address, according to the following table:
S4
S3
Characteristics
0 (LOW)
0
Alternate Data (extra segment)
0
1
Stack
1 (HIGH)
0
Code or None
1
1
Data
S5 is a reflection of the PSW interrupt enable bit.
S6 e 0 and S7 is a spare status bit.
I/O ADDRESSING
In the 8086, I/O operations can address up to a
maximum of 64K I/O byte registers or 32K I/O word
registers. The I/O address appears in the same for-
mat as the memory address on bus lines A15–A0.
The address lines A19–A16 are zero in I/O opera-
tions. The variable I/O instructions which use regis-
ter DX as a pointer have full address capability while
the direct I/O instructions directly address one or
two of the 256 I/O byte locations in page 0 of the
I/O address space.
I/O ports are addressed in the same manner as
memory locations. Even addressed bytes are trans-
ferred on the D7–D0 bus lines and odd addressed
bytes on D15–D8. Care must be taken to assure that
each register within an 8-bit peripheral located on
the lower portion of the bus be addressed as even.
External Interface
PROCESSOR RESET AND INITIALIZATION
Processor initialization or start up is accomplished
with activation (HIGH) of the RESET pin. The 8086
RESET is required to be HIGH for greater than 4
CLK cycles. The 8086 will terminate operations on
the high-going edge of RESET and will remain dor-
mant as long as RESET is HIGH. The low-going
transition of RESET triggers an internal reset se-
quence for approximately 10 CLK cycles. After this
interval the 8086 operates normally beginning with
the instruction in absolute location FFFF0H (see Fig-
ure 3b). The details of this operation are specified in
the Instruction Set description of the MCS-86 Family
User’s Manual. The RESET input is internally syn-
chronized to the processor clock. At initialization the
HIGH-to-LOW transition of RESET must occur no
sooner than 50 ms after power-up, to allow complete
initialization of the 8086.
NMI asserted prior to the 2nd clock after the end of
RESET will not be honored. If NMI is asserted after
that point and during the internal reset sequence,
the processor may execute one instruction before
responding to the interrupt. A hold request active
immediately after RESET will be honored before the
first instruction fetch.
All 3-state outputs float to 3-state OFF during
RESET. Status is active in the idle state for the first
clock after RESET becomes active and then floats
to 3-state OFF. ALE and HLDA are driven low.
INTERRUPT OPERATIONS
Interrupt operations fall into two classes; software or
hardware initiated. The software initiated interrupts
and software aspects of hardware interrupts are
specified in the Instruction Set description. Hard-
ware interrupts can be classified as non-maskable or
maskable.
Interrupts result in a transfer of control to a new pro-
gram location. A 256-element table containing ad-
dress pointers to the interrupt service program loca-
tions resides in absolute locations 0 through 3FFH
(see Figure 3b), which are reserved for this purpose.
Each element in the table is 4 bytes in size and
corresponds to an interrupt ‘‘type’’. An interrupting
device supplies an 8-bit type number, during the in-
terrupt acknowledge sequence, which is used to
‘‘vector’’ through the appropriate element to the new
interrupt service program location.
NON-MASKABLE INTERRUPT (NMI)
The processor provides a single non-maskable inter-
rupt pin (NMI) which has higher priority than the
maskable interrupt request pin (INTR). A typical use
would be to activate a power failure routine. The
NMI is edge-triggered on a LOW-to-HIGH transition.
The activation of this pin causes a type 2 interrupt.
(See Instruction Set description.)
NMI is required to have a duration in the HIGH state
of greater than two CLK cycles, but is not required to
be synchronized to the clock. Any high-going tran-
sition of NMI is latched on-chip and will be serviced
at the end of the current instruction or between
whole moves of a block-type instruction. Worst case
response to NMI would be for multiply, divide, and
variable shift instructions. There is no specification
on the occurrence of the low-going edge; it may oc-
cur before, during, or after the servicing of NMI. An-
other high-going edge triggers another response if it
occurs after the start of the NMI procedure. The sig-
nal must be free of logical spikes in general and be
free of bounces on the low-going edge to avoid trig-
gering extraneous responses.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com