Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8086-2 Datasheet(PDF) 14 Page - Intel Corporation

Part # 8086-2
Description  16-BIT HMOS MICROPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8086-2 Datasheet(HTML) 14 Page - Intel Corporation

Back Button 8086-2 Datasheet HTML 10Page - Intel Corporation 8086-2 Datasheet HTML 11Page - Intel Corporation 8086-2 Datasheet HTML 12Page - Intel Corporation 8086-2 Datasheet HTML 13Page - Intel Corporation 8086-2 Datasheet HTML 14Page - Intel Corporation 8086-2 Datasheet HTML 15Page - Intel Corporation 8086-2 Datasheet HTML 16Page - Intel Corporation 8086-2 Datasheet HTML 17Page - Intel Corporation 8086-2 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
8086
ABSOLUTE MAXIMUM RATINGS
*
Ambient Temperature Under Bias ¿¿¿¿¿¿0
ßC to 70ßC
Storage Temperature ¿¿¿¿¿¿¿¿¿¿
b65
ßC to a150ßC
Voltage on Any Pin with
Respect to Ground¿¿¿¿¿¿¿¿¿¿¿¿¿¿
b1.0V to a7V
Power Dissipation¿¿¿¿¿¿¿¿¿¿¿¿¿¿¿¿¿¿¿¿¿¿¿¿¿¿2.5W
NOTICE: This is a production data sheet. The specifi-
cations are subject to change without notice.
*WARNING: Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage.
These are stress ratings only. Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability.
D.C. CHARACTERISTICS (8086: TA e 0ßC to 70ßC, VCC e 5V g10%)
(8086-1: TA e 0ßC to 70ßC, VCC e 5V g5%)
(8086-2: TA e 0ßC to 70ßC, VCC e 5V g5%)
Symbol
Parameter
Min
Max
Units
Test Conditions
VIL
Input Low Voltage
b0.5
a0.8
V
(Note 1)
VIH
Input High Voltage
2.0
VCC a 0.5
V
(Notes 1, 2)
VOL
Output Low Voltage
0.45
V
IOL e 2.5 mA
VOH
Output High Voltage
2.4
V
IOH eb 400 mA
ICC
Power Supply Current: 8086
340
8086-1
360
mA
TA e 25ßC
8086-2
350
ILI
Input Leakage Current
g10
mA
0V
s VIN s VCC (Note 3)
ILO
Output Leakage Current
g10
mA
0.45V
s VOUT s VCC
VCL
Clock Input Low Voltage
b0.5
a0.6
V
VCH
Clock Input High Voltage
3.9
VCC a 1.0
V
CIN
Capacitance of Input Buffer
15
pF
fc
e 1 MHz
(All input except
AD0–AD15, RQ/GT)
CIO
Capacitance of I/O Buffer
15
pF
fc
e 1 MHz
(AD0–AD15, RQ/GT)
NOTES:
1. VIL tested with MN/MX Pin e 0V. VIH tested with MN/MX Pin e 5V. MN/MX Pin is a Strap Pin.
2. Not applicable to RQ/GT0 and RQ/GT1 (Pins 30 and 31).
3. HOLD and HLDA ILI min e 30 mA, max e 500 mA.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com