Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8086-2 Datasheet(PDF) 21 Page - Intel Corporation

Part # 8086-2
Description  16-BIT HMOS MICROPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8086-2 Datasheet(HTML) 21 Page - Intel Corporation

Back Button 8086-2 Datasheet HTML 17Page - Intel Corporation 8086-2 Datasheet HTML 18Page - Intel Corporation 8086-2 Datasheet HTML 19Page - Intel Corporation 8086-2 Datasheet HTML 20Page - Intel Corporation 8086-2 Datasheet HTML 21Page - Intel Corporation 8086-2 Datasheet HTML 22Page - Intel Corporation 8086-2 Datasheet HTML 23Page - Intel Corporation 8086-2 Datasheet HTML 24Page - Intel Corporation 8086-2 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
8086
A.C. CHARACTERISTICS (Continued)
TIMING RESPONSES
(Continued)
Symbol
Parameter
8086
8086-1
8086-2
Units
Test
Min
Max
Min
Max
Min
Max
Conditions
TRHAV
RD Inactive to Next TCLCL-45
TCLCL-35
TCLCL-40
ns
Address Active
TCHDTL Direction Control
50
50
50
ns
CL e 20–100 pF
for all 8086
Active Delay
Outputs (In
(Note 1)
addition to 8086
TCHDTH Direction Control
30
30
30
ns
self-load)
Inactive Delay
(Note 1)
TCLGL
GT Active Delay
0
85
0
38
0
50
ns
TCLGH
GT Inactive Delay
0
85
0
45
0
50
ns
TRLRH
RD Width
2TCLCL-75
2TCLCL-40
2TCLCL-50
ns
TOLOH
Output Rise Time
20
20
20
ns
From 0.8V to 2.0V
TOHOL
Output Fall Time
12
12
12
ns
From 2.0V to 0.8V
NOTES:
1. Signal at 8284A or 8288 shown for reference only.
2. Setup requirement for asynchronous signal only to guarantee recognition at next CLK.
3. Applies only to T3 and wait states.
4. Applies only to T2 state (8 ns into T3).
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com