Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8086-2 Datasheet(PDF) 15 Page - Intel Corporation

Part # 8086-2
Description  16-BIT HMOS MICROPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8086-2 Datasheet(HTML) 15 Page - Intel Corporation

Back Button 8086-2 Datasheet HTML 11Page - Intel Corporation 8086-2 Datasheet HTML 12Page - Intel Corporation 8086-2 Datasheet HTML 13Page - Intel Corporation 8086-2 Datasheet HTML 14Page - Intel Corporation 8086-2 Datasheet HTML 15Page - Intel Corporation 8086-2 Datasheet HTML 16Page - Intel Corporation 8086-2 Datasheet HTML 17Page - Intel Corporation 8086-2 Datasheet HTML 18Page - Intel Corporation 8086-2 Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
8086
A.C. CHARACTERISTICS (8086: TA e 0ßC to 70ßC, VCC e 5V g 10%)
(8086-1: TA e 0ßC to 70ßC, VCC e 5V g 5%)
(8086-2: TA e 0ßC to 70ßC, VCC e 5V g 5%)
MINIMUM COMPLEXITY SYSTEM TIMING REQUIREMENTS
Symbol
Parameter
8086
8086-1
8086-2
Units
Test Conditions
Min
Max
Min
Max
Min
Max
TCLCL
CLK Cycle Period
200
500
100
500
125
500
ns
TCLCH
CLK Low Time
118
53
68
ns
TCHCL
CLK High Time
69
39
44
ns
TCH1CH2
CLK Rise Time
10
10
10
ns
From 1.0V to 3.5V
TCL2CL1
CLK Fall Time
10
10
10
ns
From 3.5V to 1.0V
TDVCL
Data in Setup Time
30
5
20
ns
TCLDX
Data in Hold Time
10
10
10
ns
TR1VCL
RDY Setup Time
35
35
35
ns
into 8284A (See
Notes 1, 2)
TCLR1X
RDY Hold Time
0
0
0
ns
into 8284A (See
Notes 1, 2)
TRYHCH
READY Setup
118
53
68
ns
Time into 8086
TCHRYX
READY Hold Time
30
20
20
ns
into 8086
TRYLCL
READY Inactive to
b8
b10
b8
ns
CLK (See Note 3)
THVCH
HOLD Setup Time
35
20
20
ns
TINVCH
INTR, NMI, TEST
30
15
15
ns
Setup Time (See
Note 2)
TILIH
Input Rise Time
20
20
20
ns
From 0.8V to 2.0V
(Except CLK)
TIHIL
Input Fall Time
12
12
12
ns
From 2.0V to 0.8V
(Except CLK)
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com