Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8086-2 Datasheet(PDF) 26 Page - Intel Corporation

Part # 8086-2
Description  16-BIT HMOS MICROPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8086-2 Datasheet(HTML) 26 Page - Intel Corporation

Back Button 8086-2 Datasheet HTML 22Page - Intel Corporation 8086-2 Datasheet HTML 23Page - Intel Corporation 8086-2 Datasheet HTML 24Page - Intel Corporation 8086-2 Datasheet HTML 25Page - Intel Corporation 8086-2 Datasheet HTML 26Page - Intel Corporation 8086-2 Datasheet HTML 27Page - Intel Corporation 8086-2 Datasheet HTML 28Page - Intel Corporation 8086-2 Datasheet HTML 29Page - Intel Corporation 8086-2 Datasheet HTML 30Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
8086
Table 2. Instruction Set Summary
Mnemonic and
Instruction Code
Description
DATA TRANSFER
MOV
e Move:
76543210
76543210
76543210
76543210
Register/Memory to/from Register
1 0 0 0 1 0 d w
mod
reg
r/m
Immediate to Register/Memory
1 1 0 0 0 1 1 w
mod 0 0 0 r/m
data
data if w
e 1
Immediate to Register
1 0 1 1 w reg
data
data if w
e 1
Memory to Accumulator
1010000w
addr-low
addr-high
Accumulator to Memory
1010001w
addr-low
addr-high
Register/Memory to Segment Register
1 0 0 0 1 1 1 0
mod 0 reg r/m
Segment Register to Register/Memory
1 0 0 0 1 1 0 0
mod 0 reg r/m
PUSH
e Push:
Register/Memory
1 1 1 1 1 1 1 1
mod 1 1 0 r/m
Register
0 1 0 1 0 reg
Segment Register
0 0 0 reg 1 1 0
POP
e Pop:
Register/Memory
1 0 0 0 1 1 1 1
mod 0 0 0 r/m
Register
0 1 0 1 1 reg
Segment Register
0 0 0 reg 1 1 1
XCHG
e Exchange:
Register/Memory with Register
1 0 0 0 0 1 1 w
mod reg r/m
Register with Accumulator
1 0 0 1 0 reg
IN
e Input from:
Fixed Port
1110010w
port
Variable Port
1110110w
OUT
e Output to:
Fixed Port
1110011w
port
Variable Port
1110111w
XLAT
e Translate Byte to AL
11010111
LEA
e Load EA to Register
1 0 0 0 1 1 0 1
mod reg r/m
LDS
e Load Pointer to DS
1 1 0 0 0 1 0 1
mod reg r/m
LES
e Load Pointer to ES
1 1 0 0 0 1 0 0
mod reg r/m
LAHF
e Load AH with Flags
10011111
SAHF
e Store AH into Flags
10011110
PUSHF
e Push Flags
10011100
POPF
e Pop Flags
10011101
Mnemonics © Intel, 1978
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com