Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8086-2 Datasheet(PDF) 1 Page - Intel Corporation

Part # 8086-2
Description  16-BIT HMOS MICROPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8086-2 Datasheet(HTML) 1 Page - Intel Corporation

  8086-2 Datasheet HTML 1Page - Intel Corporation 8086-2 Datasheet HTML 2Page - Intel Corporation 8086-2 Datasheet HTML 3Page - Intel Corporation 8086-2 Datasheet HTML 4Page - Intel Corporation 8086-2 Datasheet HTML 5Page - Intel Corporation 8086-2 Datasheet HTML 6Page - Intel Corporation 8086-2 Datasheet HTML 7Page - Intel Corporation 8086-2 Datasheet HTML 8Page - Intel Corporation 8086-2 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
September 1990
Order Number: 231455-005
8086
16-BIT HMOS MICROPROCESSOR
8086/8086-2/8086-1
Y
Direct Addressing Capability 1 MByte
of Memory
Y
Architecture Designed for Powerful
Assembly Language and Efficient High
Level Languages
Y
14 Word, by 16-Bit Register Set with
Symmetrical Operations
Y
24 Operand Addressing Modes
Y
Bit, Byte, Word, and Block Operations
Y
8 and 16-Bit Signed and Unsigned
Arithmetic in Binary or Decimal
Including Multiply and Divide
Y
Range of Clock Rates:
5 MHz for 8086,
8 MHz for 8086-2,
10 MHz for 8086-1
Y
MULTIBUS System Compatible
Interface
Y
Available in EXPRESS
– Standard Temperature Range
– Extended Temperature Range
Y
Available in 40-Lead Cerdip and Plastic
Package
(See Packaging Spec. Order 231369)
The Intel 8086 high performance 16-bit CPU is available in three clock rates: 5, 8 and 10 MHz. The CPU is
implemented in N-Channel, depletion load, silicon gate technology (HMOS-III), and packaged in a 40-pin
CERDIP or plastic package. The 8086 operates in both single processor and multiple processor configurations
to achieve high performance levels.
231455 – 1
Figure 1. 8086 CPU Block Diagram
231455 – 2
40 Lead
Figure 2. 8086 Pin
Configuration


Similar Part No. - 8086-2

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8086 INTEL-8086 Datasheet
1Mb / 22P
OPERATING SYSTEM PROCESSOR
logo
Sonardyne sound in dept...
8086 SONARDYNE-8086 Datasheet
275Kb / 2P
SIPS 2 XSRS Carbon D
logo
Heyco.
8086 HEYCO-8086 Datasheet
136Kb / 1P
Multi-Connectors for Power Blocks
logo
Festo Corporation.
8086000 FESTO-8086000 Datasheet
82Kb / 1P
Pressure regulator
4/15/22
8086001 FESTO-8086001 Datasheet
82Kb / 1P
Pressure regulator
4/15/22
More results

Similar Description - 8086-2

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM80C86A-10RS OKI-MSM80C86A-10RS Datasheet
269Kb / 37P
16-Bit CMOS MICROPROCESSOR
logo
Siemens Semiconductor G...
SAB8086 SIEMENS-SAB8086 Datasheet
755Kb / 38P
16-BIT MICROPROCESSOR
logo
Intel Corporation
8088 INTEL-8088 Datasheet
378Kb / 30P
8-BIT HMOS MICROPROCESSOR
8085AH INTEL-8085AH Datasheet
664Kb / 20P
8 BIT HMOS MICROPROCESSORS
logo
NXP Semiconductors
SCC68070 PHILIPS-SCC68070 Datasheet
2Mb / 74P
16/32-bit microprocessor
November 1990
logo
NEC
UPD70236A NEC-UPD70236A Datasheet
10Mb / 199P
16-BIT MICROPROCESSOR
logo
List of Unclassifed Man...
68000 ETC1-68000 Datasheet
4Mb / 68P
16-/32-Bit Microprocessor
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
HMOS 16/32-BIT MICROPROCESSOR
logo
Intel Corporation
M8085AH INTEL-M8085AH Datasheet
1Mb / 8P
8-BIT HMOS MICROPROCESSOR
logo
Renesas Technology Corp
80C86 RENESAS-80C86 Datasheet
1Mb / 38P
CMOS 16-Bit Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com