Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8086-2 Datasheet(PDF) 27 Page - Intel Corporation

Part # 8086-2
Description  16-BIT HMOS MICROPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8086-2 Datasheet(HTML) 27 Page - Intel Corporation

Back Button 8086-2 Datasheet HTML 22Page - Intel Corporation 8086-2 Datasheet HTML 23Page - Intel Corporation 8086-2 Datasheet HTML 24Page - Intel Corporation 8086-2 Datasheet HTML 25Page - Intel Corporation 8086-2 Datasheet HTML 26Page - Intel Corporation 8086-2 Datasheet HTML 27Page - Intel Corporation 8086-2 Datasheet HTML 28Page - Intel Corporation 8086-2 Datasheet HTML 29Page - Intel Corporation 8086-2 Datasheet HTML 30Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
8086
Table 2. Instruction Set Summary
(Continued)
Mnemonic and
Instruction Code
Description
ARITHMETIC
76543210
76543210
76543210
76543210
ADD
e Add:
Reg./Memory with Register to Either
0 0 0 0 0 0 d w
mod reg r/m
Immediate to Register/Memory
1 0 0 0 0 0 s w
mod 0 0 0 r/m
data
data if s: w
e 01
Immediate to Accumulator
0000010w
data
data if w
e 1
ADC
e Add with Carry:
Reg./Memory with Register to Either
0 0 0 1 0 0 d w
mod reg r/m
Immediate to Register/Memory
1 0 0 0 0 0 s w
mod 0 1 0 r/m
data
data if s: w
e 01
Immediate to Accumulator
0001010w
data
data if w
e 1
INC
e Increment:
Register/Memory
1 1 1 1 1 1 1 w
mod 0 0 0 r/m
Register
0 1 0 0 0 reg
AAA
e ASCII Adjust for Add
00110111
BAA
e Decimal Adjust for Add
00100111
SUB
e Subtract:
Reg./Memory and Register to Either
0 0 1 0 1 0 d w
mod reg r/m
Immediate from Register/Memory
1 0 0 0 0 0 s w
mod 1 0 1 r/m
data
data if s w
e 01
Immediate from Accumulator
0010110w
data
data if w
e 1
SSB
e Subtract with Borrow
Reg./Memory and Register to Either
0 0 0 1 1 0 d w
mod reg r/m
Immediate from Register/Memory
1 0 0 0 0 0 s w
mod 0 1 1 r/m
data
data if s w
e 01
Immediate from Accumulator
000111w
data
data if w
e 1
DEC
e Decrement:
Register/memory
1 1 1 1 1 1 1 w
mod 0 0 1 r/m
Register
0 1 0 0 1 reg
NEG
e Change sign
1 1 1 1 0 1 1 w
mod 0 1 1 r/m
CMP
e Compare:
Register/Memory and Register
0 0 1 1 1 0 d w
mod reg r/m
Immediate with Register/Memory
1 0 0 0 0 0 s w
mod 1 1 1 r/m
data
data if s w
e 01
Immediate with Accumulator
0011110w
data
data if w
e 1
AAS
e ASCII Adjust for Subtract
00111111
DAS
e Decimal Adjust for Subtract
00101111
MUL
e Multiply (Unsigned)
1 1 1 1 0 1 1 w
mod 1 0 0 r/m
IMUL
e Integer Multiply (Signed)
1 1 1 1 0 1 1 w
mod 1 0 1 r/m
AAM
e ASCII Adjust for Multiply
11010100
00001010
DIV
e Divide (Unsigned)
1 1 1 1 0 1 1 w
mod 1 1 0 r/m
IDIV
e Integer Divide (Signed)
1 1 1 1 0 1 1 w
mod 1 1 1 r/m
AAD
e ASCII Adjust for Divide
11010101
00001010
CBW
e Convert Byte to Word
10011000
CWD
e Convert Word to Double Word
10011001
Mnemonics © Intel, 1978
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com