Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8086-2 Datasheet(PDF) 30 Page - Intel Corporation

Part # 8086-2
Description  16-BIT HMOS MICROPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8086-2 Datasheet(HTML) 30 Page - Intel Corporation

Back Button 8086-2 Datasheet HTML 22Page - Intel Corporation 8086-2 Datasheet HTML 23Page - Intel Corporation 8086-2 Datasheet HTML 24Page - Intel Corporation 8086-2 Datasheet HTML 25Page - Intel Corporation 8086-2 Datasheet HTML 26Page - Intel Corporation 8086-2 Datasheet HTML 27Page - Intel Corporation 8086-2 Datasheet HTML 28Page - Intel Corporation 8086-2 Datasheet HTML 29Page - Intel Corporation 8086-2 Datasheet HTML 30Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
8086
Table 2. Instruction Set Summary
(Continued)
Mnemonic and
Instruction Code
Description
76543210
76543210
PROCESSOR CONTROL
CLC
e Clear Carry
11111000
CMC
e Complement Carry
11110101
STC
e Set Carry
11111001
CLD
e Clear Direction
11111100
STD
e Set Direction
11111101
CLI
e Clear Interrupt
11111010
STI
e Set Interrupt
11111011
HLT
e Halt
11110100
WAIT
e Wait
10011011
ESC
e Escape (to External Device)
1 1 0 1 1 x x x
mod x x x r/m
LOCK
e Bus Lock Prefix
11110000
NOTES:
AL
e 8-bit accumulator
AX
e 16-bit accumulator
CX
e Count register
DS
e Data segment
ES
e Extra segment
Above/below refers to unsigned value
Greater
e more positive;
Less
e less positive (more negative) signed values
if d
e 1 then ‘‘to’’ reg; if d e 0 then ‘‘from’’ reg
if w
e 1 then word instruction; if w e 0 then byte instruc-
tion
if mod
e 11 then r/m is treated as a REG field
if mod
e 00 then DISP e 0*, disp-low and disp-high are
absent
if mod
e 01 then DISP e disp-low sign-extended to
16 bits, disp-high is absent
if mod
e 10 then DISP e disp-high; disp-low
if r/m
e 000 then EA e (BX) a (SI) a DISP
if r/m
e 001 then EA e (BX) a (DI) a DISP
if r/m
e 010 then EA e (BP) a (SI) a DISP
if r/m
e 011 then EA e (BP) a (DI) a DISP
if r/m
e 100 then EA e (SI) a DISP
if r/m
e 101 then EA e (DI) a DISP
if r/m
e 110 then EA e (BP) a DISP*
if r/m
e 111 then EA e (BX) a DISP
DISP follows 2nd byte of instruction (before data if re-
quired)
*except if mod e 00 and r/m e 110 then EA e disp-high;
disp-low.
Mnemonics © Intel, 1978
if s w
e 01 then 16 bits of immediate data form the oper-
and
if s w
e 11 then an immediate data byte is sign extended
to form the 16-bit operand
if v
e 0 then ‘‘count’’ e 1; if v e 1 then ‘‘count’’ in (CL)
x
e don’t care
z is used for string primitives for comparison with ZF FLAG
SEGMENT OVERRIDE PREFIX
0 0 1 reg 1 1 0
REG is assigned according to the following table:
16-Bit (w
e 1)
8-Bit (w
e 0)
Segment
000
AX
000
AL
00
ES
001
CX
001
CL
01
CS
010
DX
010
DL
10
SS
011
BX
011
BL
11
DS
100
SP
100
AH
101
BP
101
CH
110
SI
110
DH
111
DI
111
BH
Instructions which reference the flag register file as a 16-bit
object use the symbol FLAGS to represent the file:
FLAGS
e X:X:X:X:(OF):(DF):(IF):(TF):(SF):(ZF):X:(AF):X:(PF):X:(CF)
DATA SHEET REVISION REVIEW
The following list represents key differences between this and the -004 data sheet. Please review this summa-
ry carefully.
1. The Intel 8086 implementation technology (HMOS) has been changed to (HMOS-III).
2. Delete all ‘‘changes from 1985 Handbook Specification’’ sentences.
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com