Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88326VA Datasheet(PDF) 13 Page - Active-Semi, Inc

Part # ACT88326VA
Description  Advanced PMU with Bypass Switch, & Pushbutton Function
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT88326VA Datasheet(HTML) 13 Page - Active-Semi, Inc

Back Button ACT88326VA Datasheet HTML 9Page - Active-Semi, Inc ACT88326VA Datasheet HTML 10Page - Active-Semi, Inc ACT88326VA Datasheet HTML 11Page - Active-Semi, Inc ACT88326VA Datasheet HTML 12Page - Active-Semi, Inc ACT88326VA Datasheet HTML 13Page - Active-Semi, Inc ACT88326VA Datasheet HTML 14Page - Active-Semi, Inc ACT88326VA Datasheet HTML 15Page - Active-Semi, Inc ACT88326VA Datasheet HTML 16Page - Active-Semi, Inc ACT88326VA Datasheet HTML 17Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
ACT88326VA
Rev 1.0, 29-May-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi.
Copyright © 2018 Active-Semi, Inc
13
LDO1-2 ELECTRICAL CHARACTERISTICS
(AVIN = VIN = 5V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage Range LDO1
AVIN (Input Voltage) to the LDO1
2.7
5.5
V
Output Voltage Range
Option 1 Configurable in 9.375mV steps
0.6
2.991
V
Option 2 Configurable in 12.5mV steps
0.8
3.9875
V
Output Current
270
300
mA
Output Voltage Accuracy
AVIN - VLDOx_OUT > 0.4V
-1
VNOM
1
%
Line Regulation
AVIN - VLDOx_OUT > 0.4V
ILDOx_OUT = 1mA
0.03
0.2
%
Load Regulation
ILDOx_OUT = 1mA to 100mA,
VLDOx_OUT = default CMI
0.5
%
Power Supply Rejection Ratio
f = 1kHz, ILDOx_OUT = 20mA,
VLDOx_OUT = 1.8V, Note 1
40.8
dB
f = 10kHz, ILDOx_OUT = 20mA,
VLDOx_OUT = 1.8V, Note 1
31.2
dB
f = 2.25MHz, ILDOx_OUT = 20mA,
VLDOx_OUT = 1.8V, Note 1
53.6
dB
Supply Current per Output
Regulator Disabled
1
µA
Supply Current
Regulator Enabled, No load
15
20
µA
Soft-Start Period
Time from soft start “ON” to PGOOD. VLDOx = 1.8V
140
225
350
µs
Time from soft start “ON” to PGOOD. VLDOx = 3.3V
140
300
430
µs
Power Good Threshold
VLDOx_OUT Rising
90
92.5
95
% VNOM
Power Good Hysteresis
VLDOx_OUT Falling
3
% VNOM
Overvoltage Fault Threshold
VLDOx_OUT Rising
105
110
115
% VNOM
Overvoltage Fault Hysteresis
VLDOx_OUT Falling
3
% VNOM
Discharge Resistance
50
125
Ω
Dropout Voltage
ILDOx_OUT = 220mA, VLDOx_OUT = 2.7V
150
mV
Output Current Limit
ILIM [1:0] = 00
ILIM [1:0] = 01
ILIM [1:0] = 10
ILIM [1:0] = 11
-35%
190
250
330
465
+35%
mA
Startup Time
Time from Enable to PG
300
400
µs
Note 1: AVIN - VLDOx_OUT > 0.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com