Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88326VA Datasheet(PDF) 18 Page - Active-Semi, Inc

Part # ACT88326VA
Description  Advanced PMU with Bypass Switch, & Pushbutton Function
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT88326VA Datasheet(HTML) 18 Page - Active-Semi, Inc

Back Button ACT88326VA Datasheet HTML 14Page - Active-Semi, Inc ACT88326VA Datasheet HTML 15Page - Active-Semi, Inc ACT88326VA Datasheet HTML 16Page - Active-Semi, Inc ACT88326VA Datasheet HTML 17Page - Active-Semi, Inc ACT88326VA Datasheet HTML 18Page - Active-Semi, Inc ACT88326VA Datasheet HTML 19Page - Active-Semi, Inc ACT88326VA Datasheet HTML 20Page - Active-Semi, Inc ACT88326VA Datasheet HTML 21Page - Active-Semi, Inc ACT88326VA Datasheet HTML 22Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
ACT88326VA
Rev 1.0, 29-May-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi.
Copyright © 2018 Active-Semi, Inc
18
Table 1a. SLEEP Mode Truth Table (SLEEP MODE bit
is configured to 0)
Table 1b. SLEEP Mode Truth Table (SLEEP MODE bit
is configured to 1)
DPSLP State
The DPSLP state is another low power operating mode
for the operating system. It is intended to be used in a
lower power configuration than the SLEEP mode. It is
similar to the SLEEP state, but DPSLP uses slightly dif-
ferent configurations to enter and exit this mode. Each
output can be programmed to be on or off in the DPSLP
state. This programming can be different and independ-
ent from the SLEEP state. The outputs follow their pro-
grammed sequencing delay times when turning on or
off as they enter or exit the DPSLP state.
The IC can enter DPSLP state via I2C register bit
DPSLP, I2C register bit DPSLP MODE, and a GPIO in-
put pin. The IC’s specific CMI determines the specific
combination of these three inputs to enter DPSLP state.
The I2C bit DPSLP MODE is set at factory and cannot
be changed by the user. It controls the logical combina-
tion of the GPIO input and the DPSLP register bit to en-
ter DPSLP state.
When DPSLP MODE is factory configured to 1, the log-
ical combination is an “OR” function and when DPSLP
is factory configured to a 0, the logical combination is an
“AND” function.
If no GPIOs are configured as a control input to enter
and exit DPSLP state then only the DPSLP register bit
controls the entry and exit of the DPSLP state.
Table 2a and 2b show the conditions to enter DPSLP
state. ACT88326’s I2C stays enabled in DPSLP state.
The IC exits the DPSLP state when the conditions to
enter DPSLP state are no longer present. Asserting
nPB low for > 32ms clears the DPSLP bit to 0 and the
PMIC exits DPSLP state.
Table 2a. DPSLP Mode Truth Table (DPSLP MODE
factory bit is configured to 0)
Table 2b. DPSLP Mode Truth Table (DPSLP MODE
factory bit is configured to 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com