Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88326VA Datasheet(PDF) 39 Page - Active-Semi, Inc

Part # ACT88326VA
Description  Advanced PMU with Bypass Switch, & Pushbutton Function
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT88326VA Datasheet(HTML) 39 Page - Active-Semi, Inc

Back Button ACT88326VA Datasheet HTML 33Page - Active-Semi, Inc ACT88326VA Datasheet HTML 34Page - Active-Semi, Inc ACT88326VA Datasheet HTML 35Page - Active-Semi, Inc ACT88326VA Datasheet HTML 36Page - Active-Semi, Inc ACT88326VA Datasheet HTML 37Page - Active-Semi, Inc ACT88326VA Datasheet HTML 38Page - Active-Semi, Inc ACT88326VA Datasheet HTML 39Page - Active-Semi, Inc ACT88326VA Datasheet HTML 40Page - Active-Semi, Inc ACT88326VA Datasheet HTML 41Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
ACT88326VA
Rev 1.0, 29-May-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi.
Copyright © 2018 Active-Semi, Inc
39
Buck1
Buck2
Buck3
LDO1
LDO2
1ms
100ms
LSG1
GPIO1
GPIO3
1ms
4ms
CMI 102 Startup
nRESET
1ms
1ms
1ms
1ms
1ms
I2C Address
The ACT88326 7-bit I2C address is 0x25h. Use address 0x4Ah when writing and 0x4Bh when reading.
GPIO1 (pin C7) – EXT_EN1
GPIO1 is configured as an open drain output to enable an external power supply. At power up, GPIO1 goes high when
Buck1 goes high. After power up, GPIO1 can be controlled via I2C to enable and disable the external power supply.
GPIO2 (pin C6) – EXT_EN2
GPIO2 is configured as an open drain output to enable an external power supply. At power up, GPIO2 goes high when
Buck1 goes high. After power up, GPIO2 can be controlled via I2C to enable and disable the external power supply.
GPIO3 (pin B6) – nIRQ
GPIO3 is configured as an open drain nIRQ output.
GPIO4 (pin D7) – nRESET
GPIO4 is configured as an open drain nRESET output. nRESET goes open drain 100ms after LDO2 goes into regulation.
During a turn off sequence, nRESET goes low 4ms before the outputs start to turn off.
SLEEP MODE
I2C default settings are SLEEP_MODE=0, SLEEP_EN=0, and SLEEP=0. This disables SLEEP mode. Refer to the
SLEEP State paragraph for details on how to enter SLEEP Mode.
DPSLP MODE
I2C default settings are DPSLP_MODE=1, DPSLP_EN=0, and DPSLP=0. This disables DPSLP mode. Refer to the
DPSLP State paragraph for details on how to enter DPSLP Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com