Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88326VA Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT88326VA
Description  Advanced PMU with Bypass Switch, & Pushbutton Function
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT88326VA Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT88326VA Datasheet HTML 1Page - Active-Semi, Inc ACT88326VA Datasheet HTML 2Page - Active-Semi, Inc ACT88326VA Datasheet HTML 3Page - Active-Semi, Inc ACT88326VA Datasheet HTML 4Page - Active-Semi, Inc ACT88326VA Datasheet HTML 5Page - Active-Semi, Inc ACT88326VA Datasheet HTML 6Page - Active-Semi, Inc ACT88326VA Datasheet HTML 7Page - Active-Semi, Inc ACT88326VA Datasheet HTML 8Page - Active-Semi, Inc ACT88326VA Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
ACT88326VA
Rev 1.0, 29-May-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi.
Copyright © 2018 Active-Semi, Inc
1
Advanced PMU with Bypass Switch, & Pushbutton Function
BENEFITS and FEATURES
Wide input voltage range
o
Vin = 2.7V to 5.5V
Complete integrated power solution
o
One 4A DC/DC Step-Down with Bypass
Mode
o
Two 3A DC/DC Step-Down Regulators
o
Two 300mA LDOs
o
High Power Load Switch Gate Driver with
Slew Rate Control
Space Savings
o
Fully integrated
o
High Fsw = 2.25MHz or 1.125MHz
o
Integrated sequencing
Easy system level design
o
Configurable sequencing
o
Seamless sequencing with external supplies
o
Programmable Reset and Power Good
GPIO’s
Buck 1 Bypass Mode for 3.3V system level
compliance
Highly configurable
o
µP interface for status reporting and con-
trollability
o
Flexible Sequencing Options
o
I2C Interface – 1MHz
o
Multiple Sleep Modes
o
See ACT88325 for non-Pushbutton Startup
APPLICATIONS
• Solid-State Drives
• Microcontroller Applications
• FPGA
• Personal Navigation Devices
GENERAL DESCRIPTION
The ACT88326 PMIC is an integrated ActivePMU power
management unit. It is highly flexible and can be
reconfigured via I2C for multiple applications without the
need for PCB changes. The low external component
count and high configurability significantly speeds time
to market. Examples of configurable options include
output voltage, startup time, slew rate, system level
sequencing,
switching
frequency,
sleep
modes,
operating modes etc. The core of the device includes 3
DC/DC step down converters using integrated power
FETs, and 2 low-dropout regulators (LDOs).
Each
regulator can be configured for a wide range of output
voltages through the I2C interface.
ACT88326 is programmed at the factory with a default
configuration. The default settings can be optimized for
a specific design through the I2C interface. Contact the
factory for specific default configurations.
The ACT88326 includes features that allow flexibility for
all system level configurations. The buck converter can
be reconfigured as a bypass switch. It also contains a
high power load switch controller. It’s external power
supply enable and power good interface allows
seamless sequencing with external power supplies.
The ACT88326 PMIC is available in a 2.7 x 3 mm 36 pin
WLCSP package.


Similar Part No. - ACT88326VA

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
ACT88326VA102-T QORVO-ACT88326VA102-T Datasheet
4Mb / 45P
Advanced PMU with Bypass Switch, & Pushbutton Function
Rev. C, November 2019
ACT88326VA105-T QORVO-ACT88326VA105-T Datasheet
4Mb / 45P
Advanced PMU with Bypass Switch, & Pushbutton Function
Rev. C, November 2019
More results

Similar Description - ACT88326VA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBC13720 MOTOROLA-MBC13720 Datasheet
704Kb / 16P
Amplifier with Bypass Switch
logo
Active-Semi, Inc
ACT8893 ACTIVE-SEMI-ACT8893 Datasheet
97Kb / 2P
Advanced PMU for CoreLogic LUCY
29-Nov-10
ACT8896 ACTIVE-SEMI-ACT8896 Datasheet
88Kb / 2P
Advanced PMU for Samsung S3C6410
29-Nov-10
ACT8933 ACTIVE-SEMI-ACT8933 Datasheet
102Kb / 2P
Advanced PMU for CoreLogic LUCY
04-Nov-10
logo
Axiomtek Co., Ltd.
AX92801 AXIOMTEK-AX92801 Datasheet
122Kb / 1P
Dual Gigabit ports with LAN bypass function
logo
Active-Semi, Inc
ACT8933 ACTIVE-SEMI-ACT8933_14 Datasheet
723Kb / 44P
Advanced PMU for CoreLogic LUCY
Rev 3, 15-Nov-12
logo
ON Semiconductor
NCP6868 ONSEMI-NCP6868 Datasheet
592Kb / 28P
2.5 A Boost Regulator with Bypass Function
August, 2015 ??Rev. P4
logo
Texas Instruments
TPS65835 TI1-TPS65835_16 Datasheet
2Mb / 67P
Advanced PMU
logo
Active-Semi, Inc
ACT88320QI-T ACTIVE-SEMI-ACT88320QI-T Datasheet
3Mb / 50P
Advanced PMU with Inrush Control and Bypass Switch
Rev 2.0, 20-Dec-2017
ACT88325VA ACTIVE-SEMI-ACT88325VA Datasheet
3Mb / 39P
Advanced PMU with 3 Bucks, 2 LDOs and Load Bypass Switch
Rev 1.0, 23-May-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com