Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88326VA Datasheet(PDF) 20 Page - Active-Semi, Inc

Part # ACT88326VA
Description  Advanced PMU with Bypass Switch, & Pushbutton Function
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT88326VA Datasheet(HTML) 20 Page - Active-Semi, Inc

Back Button ACT88326VA Datasheet HTML 16Page - Active-Semi, Inc ACT88326VA Datasheet HTML 17Page - Active-Semi, Inc ACT88326VA Datasheet HTML 18Page - Active-Semi, Inc ACT88326VA Datasheet HTML 19Page - Active-Semi, Inc ACT88326VA Datasheet HTML 20Page - Active-Semi, Inc ACT88326VA Datasheet HTML 21Page - Active-Semi, Inc ACT88326VA Datasheet HTML 22Page - Active-Semi, Inc ACT88326VA Datasheet HTML 23Page - Active-Semi, Inc ACT88326VA Datasheet HTML 24Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
ACT88326VA
Rev 1.0, 29-May-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi.
Copyright © 2018 Active-Semi, Inc
20
the ACTIVE state, the IC can stay in that state or auto-
matically transition to either the SLEEP or DPSLP state
depending on the status of the inputs in Tables 1 and 2.
Shutdown is typically accomplished by forcing the sys-
tem to transition to the DPSLP state. Shutdown can also
be accomplished with the nPB pin or by setting the I2C
POWER OFF bit to a 1.
Sequencing
The ACT88326 provides the end user with extremely
versatile sequencing capability that can be optimized for
many different applications. Each of the five outputs has
four basic sequencing parameters: input trigger, turn-on
delay, turn-off delay, and output voltage. The buck
converters also have softstart time control. Each of
these parameters is controlled via the ICs internal
registers. The specifics for this IC as well as others are
detailed at the end of the datasheet. Contact
sales@active-semi.com
for
custom
sequencing
configurations. Refer to the Active-Semi Application
Note AN111, ACT88326VA102 Register Definitions, for
full details on the I2C register map functionality and
programming ranges.
Input trigger. The input trigger for a regulator is the
event that turns that regulator on. Each output can have
a separate input trigger. The input trigger can be the
internal power ok (POK) signal from one of the other
regulators, the internal VIN POK signal, or an external
signal applied to an input pin such as EXT_PG or GPIO.
This flexibility allows a wide range of sequencing
possibilities, including having some of the outputs be
sequenced with an external power supply or a control
signal from the host. As an example, if the LDO1 input
trigger is Buck1, LDO1 will not turn on until Buck1 is in
regulation. Input triggers are defined at the factory and
can only be changed with a custom CMI configuration.
The GPIOx outputs can be connected to an internal
power supply’s POK signal and used to trigger external
supplies in the overall sequencing scheme. The GPIOx
inputs can also be connected to an external power
supply’s power good output and used as an input trigger
for an ACT88326 supply.
Turn-on Delay. The turn-on delay is the time between
an input trigger going active and the output starting to
turn on. Each output’s turn-on delay is configured via its
I2C bit ON DELAY. Turn-on delays can be changed after
the IC is powered on, but they are volatile and reset to
the factory defaults when power is recycled.
Turn-off Delay. The turn-off delay is the time between
an input trigger going inactive and the output starting to
turn off. Each output’s turn-off delay is configured via its
I2C bit OFF DELAY. Turn-off delays can be changed
after the IC is powered on, but they are volatile and reset
to the factory defaults when power is recycled.
Softstart Time. The softstart time is the time it takes an
output to ramp from 10% to 90% of its programmed
voltage. All buck converter softstart times are controlled
by a single I2C bit ALL_BUCKS_FASTER_SS. When
set to 0, the softstart times are 600µs. When set to 1,
the softstart times are 250µs. The default softstart time
can be changed after the IC is powered on, but it is
volatile and resets to the factory defaults when power is
recycled.
Output Voltage. The output voltage is each regulator’s
desired voltage. Each buck’s output voltage is
programmed via its I2C bits VSET0 and VSET1. The
output regulates to VSET0 in ACTIVE mode. They can
be programmed to regulate to VSET1 in DVS, SLEEP,
and DSPSLP modes. Each LDO has a single register,
VSET, to set its output voltage. Each output’s voltage
can be changed after the IC is powered on, but the new
setting is volatile and is reset to the factory defaults
when power is recycled. Output voltages can be
changed on the fly. If a large output voltage change is
required, it is best to make multiple smaller changes.
This prevents the IC from detecting an instantaneous
over or under voltage condition because the fault
thresholds are immediately changed, but the output
takes time to respond.
Dynamic Voltage Scaling
On-the-fly dynamic voltage scaling (DVS) for the three
buck converters is available via either the I2C interface
or a GPIO. DVS allows systems to save power by
quickly adjusting the microprocessor performance level
when the workload changes. Note that DVS is not a
different operating state. The IC operates in the ACTIVE
state, but just regulates the outputs to a different voltage.
Each buck converter operates at its VOUT0 voltage in
normal operation and operates at its VOUT1 voltage
when the DVS input trigger is active. DVS can be
implemented three ways.
The first method is to individually put each buck
converter in DVS by manually writing a new voltage
regulation setpoint into its VOUT0 register.
DVS can also be implemented for all buck converters at
one time via a single GPIO input. The IC’s specific CMI
determines the specific GPIO used for DVS. This setting
can be modified with a custom CMI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com