Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88326VA Datasheet(PDF) 11 Page - Active-Semi, Inc

Part # ACT88326VA
Description  Advanced PMU with Bypass Switch, & Pushbutton Function
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT88326VA Datasheet(HTML) 11 Page - Active-Semi, Inc

Back Button ACT88326VA Datasheet HTML 7Page - Active-Semi, Inc ACT88326VA Datasheet HTML 8Page - Active-Semi, Inc ACT88326VA Datasheet HTML 9Page - Active-Semi, Inc ACT88326VA Datasheet HTML 10Page - Active-Semi, Inc ACT88326VA Datasheet HTML 11Page - Active-Semi, Inc ACT88326VA Datasheet HTML 12Page - Active-Semi, Inc ACT88326VA Datasheet HTML 13Page - Active-Semi, Inc ACT88326VA Datasheet HTML 14Page - Active-Semi, Inc ACT88326VA Datasheet HTML 15Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
ACT88326VA
Rev 1.0, 29-May-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi.
Copyright © 2018 Active-Semi, Inc
11
INTERNAL STEP-DOWN DC/DC ELECTRICAL CHARACTERISTICS REGULATOR: (BUCK1) –
BYPASS MODE
(VIN = 3.3V, TA = 25°C, unless otherwise specified.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage for By-Pass Mode
2.7
3.3
5.5
V
PMOS On-Resistance
ISW = -1A, VIN = 3.3V, Max=125°C at TJunction
0.04
0.06
Ω
Internal PMOS Current Detection
Triggers Interrupt on IRQ Pin
2.8
4.2
5.4
A
Internal PMOS Current Detection
Deglitch Time
10
µs
Internal PMOS Current Shutdown
Shuts down after deglitch time and stays off for Off-Time
4.7
6.5
8.7
A
Internal PMOS Current Shutdown
Deglitch Time
5
µs
Internal PMOS Current Shutdown Off-
Time (Retry time)
14
ms
Internal PMOS Soft start
VIN = 3.3V Input, Cout = 47uF, Default setting ISS[1:0]=00
500
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com