Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88326VA Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT88326VA
Description  Advanced PMU with Bypass Switch, & Pushbutton Function
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT88326VA Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT88326VA Datasheet HTML 2Page - Active-Semi, Inc ACT88326VA Datasheet HTML 3Page - Active-Semi, Inc ACT88326VA Datasheet HTML 4Page - Active-Semi, Inc ACT88326VA Datasheet HTML 5Page - Active-Semi, Inc ACT88326VA Datasheet HTML 6Page - Active-Semi, Inc ACT88326VA Datasheet HTML 7Page - Active-Semi, Inc ACT88326VA Datasheet HTML 8Page - Active-Semi, Inc ACT88326VA Datasheet HTML 9Page - Active-Semi, Inc ACT88326VA Datasheet HTML 10Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
ACT88326VA
Rev 1.0, 29-May-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi.
Copyright © 2018 Active-Semi, Inc
6
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
A1
FB_B3
Feedback for Buck3 Regulator. Connect directly to the Buck3 output capacitor.
B1
LDO1
Output for LDO1 Regulator
C1
AVIN
Dedicated VIN Power Input for LDO1 & LDO2 Regulators and Analog VIN Input
D1
LDO2
Output for LDO2 Regulator
E1
nPB
Multi-purpose push-button input used to start the IC. This is the PWREN pin on the ACT88325.
F1
FB_B2
Feedback for Buck2 Regulator. Connect directly to the Buck2 output capacitor.
A2, B2
VIN_B3
Dedicated Buck3 VIN Power Input. Connect the Buck3 input caps directly to these pins
C2
LSG
Load Switch Gate Driver Output
D2, E2, F2
VIN_B2
Dedicated Buck2 VIN Power Input. Connect the Buck2 input caps directly to these pins.
A3, A4
SW_B3
Switch Pin for Buck3 Regulator
D3, E3, F3
SW_B2
Switch Pin for Buck2 Regulator
D4, E4, F4
PGND12
Power Ground for Buck1 and Buck2. Connect the Buck1 and Buck2 input caps directly to these pins.
A5
PGND3
Power Ground for Buck3. Connect the Buck3 input caps directly to these pins.
D5, E5, F5
SW_B1
Switch Pin for Buck1 Regulator
A6
AGND
Analog Ground
B6
GPIO3 / nIRQ
General Purpose I/O Port 3. Typically configured as an interrupt (IRQ) open drain output.
C6
GPIO2
General Purpose I/O Port 2. Can be configured for several different functions.
D6, E6, F6
VIN_B1
Dedicated Buck1 VIN Power Input. Connect the Buck1 input caps directly to these pins.
A7
SDA
I2C Data Input and Output
B7
SCL
I2C Clock Input
C7
GPIO1 / DVS
General Purpose I/O Port 1. Typically configured as a dynamic voltage scaling input or voltage select
input.
D7
GPIO4 / nRESET
General Purpose I/O Port 4. Typically configured as an nRESET open drain output
E7
VIN_IO
Digital Input Reference Voltage Input
F7
FB_B1
Feedback for Buck1 Regulator. Connect directly to the Buck1 output capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com