Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88326VA Datasheet(PDF) 38 Page - Active-Semi, Inc

Part # ACT88326VA
Description  Advanced PMU with Bypass Switch, & Pushbutton Function
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT88326VA Datasheet(HTML) 38 Page - Active-Semi, Inc

Back Button ACT88326VA Datasheet HTML 33Page - Active-Semi, Inc ACT88326VA Datasheet HTML 34Page - Active-Semi, Inc ACT88326VA Datasheet HTML 35Page - Active-Semi, Inc ACT88326VA Datasheet HTML 36Page - Active-Semi, Inc ACT88326VA Datasheet HTML 37Page - Active-Semi, Inc ACT88326VA Datasheet HTML 38Page - Active-Semi, Inc ACT88326VA Datasheet HTML 39Page - Active-Semi, Inc ACT88326VA Datasheet HTML 40Page - Active-Semi, Inc ACT88326VA Datasheet HTML 41Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
ACT88326VA
Rev 1.0, 29-May-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi.
Copyright © 2018 Active-Semi, Inc
38
CMI OPTIONS
This section provides the basic default configuration settings for each available ACT88326 CMI option. IC functionality
in this section supersedes functionality in the main datasheet. Generating the desired functionality for a custom CMI
sometimes requires reassigning internal resources, resulting in removal of base IC functionality. The following sections
attempt to describe any removed functionality from the base IC functionality. The user is required to fully test all required
functionality to ensure the CMI fully meets their requirements.
CMI 102: ACT88326VA102-T
CMI 102 is optimized for the Ambarella H22 processor for use in video applications.
Voltage and Currents
Rail
Active
Mode
Voltage
(V)
Sleep
Mode
Voltage
(V)
DPSLP Mode
Voltage (V)
DVS Voltage
(V)
Current
Limit (A)
Fsw (kHz)
Buck1
0.85
n/a
n/a
n/a
3.1
1125
Buck2
1.35
n/a
n/a
n/a
2.6
1125
Buck3
3.0
n/a
n/a
n/a
2.6
2250
LDO1
1.8
n/a
n/a
n/a
0.465
n/a
LDO2
3.0
n/a
n/a
n/a
0.465
n/a
LS1
On
n/a
n/a
n/a
n/a
n/a
Startup and Sequencing
Rail
Sequence
Order
Sequencing
Input Trigger
StartUp
Delay (us)
Soft-Start
(us)
Shutdown
Delay (ms)
Buck1
1
UVLO
0
480
7.75
Buck2
2
Buck1
1000
480
6.75
Buck3
3
Buck2
1000
480
5.75
LDO1
3
Buck2
1000
225
5.75
LDO2
4
LDO1
1000
300
4.75
LS1
4
LDO1
n/a
2.5uA
4.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com