Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88326VA Datasheet(PDF) 21 Page - Active-Semi, Inc

Part # ACT88326VA
Description  Advanced PMU with Bypass Switch, & Pushbutton Function
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT88326VA Datasheet(HTML) 21 Page - Active-Semi, Inc

Back Button ACT88326VA Datasheet HTML 17Page - Active-Semi, Inc ACT88326VA Datasheet HTML 18Page - Active-Semi, Inc ACT88326VA Datasheet HTML 19Page - Active-Semi, Inc ACT88326VA Datasheet HTML 20Page - Active-Semi, Inc ACT88326VA Datasheet HTML 21Page - Active-Semi, Inc ACT88326VA Datasheet HTML 22Page - Active-Semi, Inc ACT88326VA Datasheet HTML 23Page - Active-Semi, Inc ACT88326VA Datasheet HTML 24Page - Active-Semi, Inc ACT88326VA Datasheet HTML 25Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
ACT88326VA
Rev 1.0, 29-May-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi.
Copyright © 2018 Active-Semi, Inc
21
DVS can be implemented for all buck converters at one
time via I2C. The user can select from two different
configurations to enter DVS via I2C. Note that DVS is
disabled when EN_DVS_I2C = 0.
1. Enable DVS via a single I2C write to
I2C_DVS_ON bit: With EN_DVS_I2C = 1
and SEL_DVS_IN = 0, the IC enters DVS
when I2C_DVS_ON = 1 and exits DVS
when it equals 0.
2. Enable DVS whenever the IC enters
SLEEP state: With EN_DVS_I2C = 1 and
SEL_DVS_IN = 1, any condition that puts
the IC into SLEEP state also puts the IC
into DVS mode. Note that I2C_DVS_ON bit
does not affect this configuration.
Note that the IC cannot be configured to enter DVS in
DPSLP state. Table 3 summarizes I2C DVS functionality.
EN_DVS_I2C
SEL_DVS_IN
I2C_DVS_ON
DVS MODE
0
x
x
Off
1
0
0
Off
1
0
1
On
1
1
x
On in SLEEP
state
Table 3. I2C DVS Control
For fault free operation, the user must ensure output
load conditions plus the current required to charge the
output capacitance during a DVS rising voltage
condition does not exceed the current limit setting of the
regulator. As with any power supply, changing an output
voltage too fast can require a current higher than the
current limit setting. The user must ensure that the
voltage step, slew rate, and load current conditions do
not result in an instantaneous loading that results in a
current limit condition.
Input Voltage Monitoring (SYSMON)
The ACT88326 monitors the input voltage on the VINx
pins to ensure it is within specified limits for system level
operation. The IC “wakes up” and allows I2C communi-
cation when VINx rises above UVLO (~2.7V). However,
the outputs do not turn on until VINx rises above the
SYSMON threshold. SYSMON is programmable be-
tween 2.7V and 4.2V. The IC then asserts the nIRQ pin
if VINx drops below SYSMON, but the outputs continue
to operate normally. The IC turns off all outputs if the
input voltage drops below UVLO. I2C bit VSYSSTAT =
1 when VINx < SYSMON and 0 when VINx > SYSMON.
This fault can be masked with I2C bit VSYSMSK.
Fault Protection
The ACT88326 contains several levels of fault protec-
tion, including the following:
Output Overvoltage
Output Undervoltage
Output Current Limit and short circuit
Thermal Warning
Thermal Shutdown
There are three types of I2C register bits associated with
each fault condition: fault flag bits, fault bits, and mask
bits. The fault flag bits display the real-time fault status.
Their status is valid regardless of whether or not that
fault is masked. The mask bits either block or allow the
fault to affect the fault bit. Each potential fault condition
can be masked via I2C if desired. Any unmasked fault
condition results in the fault bit going high, which asserts
the nIRQ pin. nIRQ is typically active low. The nIRQ pin
only de-asserts after the fault condition is no longer pre-
sent and the corresponding fault bit is read via I2C. Note
that masked faults can still be read in the fault flag bit.
Refer to Active-Semi Application Note describing the
Register Map for full details on I2C functionality and pro-
gramming ranges.
nIRQ (Interrupt)
The interrupt function is typically used to drive the inter-
rupt input of the system processor. Many of the
ACT88326's functions support interrupt-generation as a
result of various conditions. These are typically masked
by default, but may be unmasked via the I2C interface.
For more information about the available fault condi-
tions, refer to the appropriate sections of this datasheet.
nIRQ can be triggered from:
1. Die temperature warning generated
2. Any buck regulator exceeding peak current limit
for 16 cycles after soft start or a UV/OV condi-
tion.
3. Any LDO regulator exceeding current limit for
more than 16uS after soft start or a UV/OV con-
dition.
4. Input goes above OVP threshold or falls below
the UV threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com