Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88326VA Datasheet(PDF) 5 Page - Active-Semi, Inc

Part # ACT88326VA
Description  Advanced PMU with Bypass Switch, & Pushbutton Function
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT88326VA Datasheet(HTML) 5 Page - Active-Semi, Inc

  ACT88326VA Datasheet HTML 1Page - Active-Semi, Inc ACT88326VA Datasheet HTML 2Page - Active-Semi, Inc ACT88326VA Datasheet HTML 3Page - Active-Semi, Inc ACT88326VA Datasheet HTML 4Page - Active-Semi, Inc ACT88326VA Datasheet HTML 5Page - Active-Semi, Inc ACT88326VA Datasheet HTML 6Page - Active-Semi, Inc ACT88326VA Datasheet HTML 7Page - Active-Semi, Inc ACT88326VA Datasheet HTML 8Page - Active-Semi, Inc ACT88326VA Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
ACT88326VA
Rev 1.0, 29-May-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi.
Copyright © 2018 Active-Semi, Inc
5
PIN CONFIGURATION
A
B
C
D
E
F
1
FB_B3
LDO1
AVIN
LDO2
nPB
FB_B2
2
VIN_B3
VIN_B3
LSG
VIN_B2
VIN_B2
VIN_B2
3
SW_B3
SW_B2
SW_B2
SW_B2
4
SW_B3
PGND12
PGND12
PGND12
5
PGND3
SW_B1
SW_B1
SW_B1
6
AGND
GPIO3
GPIO2
VIN_B1
VIN_B1
VIN_B1
7
SDA
SCL
GPIO1
GPIO4
VIN_IO
FB_B1
Figure 1: Pin Configuration – Top View (bumps down) CSP 36 Balls 2.7mm x 3mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com