Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88326VA Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT88326VA
Description  Advanced PMU with Bypass Switch, & Pushbutton Function
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT88326VA Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT88326VA Datasheet HTML 1Page - Active-Semi, Inc ACT88326VA Datasheet HTML 2Page - Active-Semi, Inc ACT88326VA Datasheet HTML 3Page - Active-Semi, Inc ACT88326VA Datasheet HTML 4Page - Active-Semi, Inc ACT88326VA Datasheet HTML 5Page - Active-Semi, Inc ACT88326VA Datasheet HTML 6Page - Active-Semi, Inc ACT88326VA Datasheet HTML 7Page - Active-Semi, Inc ACT88326VA Datasheet HTML 8Page - Active-Semi, Inc ACT88326VA Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
ACT88326VA
Rev 1.0, 29-May-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi.
Copyright © 2018 Active-Semi, Inc
3
FUNCTIONAL BLOCK DIAGRAM
VIN_IO
SCL
Digital
Controller
External
SMPS
IO Supply
ACT88326
Digital
Core
LSG
Load
Buck1
Controller
Vref
2x22µF
1µH
FB_B1
PGND
SW_B1
VIN
FB_B1
10µF
Buck2/
Bypass
Controller
Vref
22µF
1µH
FB_B2
SW_B2
VIN
FB_B2
10µF
Buck3
Controller
Vref
22µF
1µH
FB_B3
SW_B3
VIN
FB_B3
10µF
nPB
SDA
GPIO1
GPIO2
EN
PG
GPIO4
GPIO3
Vref
LDO1
Vref
AVIN
LDO2
Load Switch Gate
Drives
AGND
PGND
PGND
1µF
1µF
1µF
FB
FB
Input Rail
1µF
Input Rail
Input Rail
Supply
PushButton1/
On/Off
50kΩ
PushButton2/
Manual Reset
1kΩ
Push Button



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com