Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88326VA Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # ACT88326VA
Description  Advanced PMU with Bypass Switch, & Pushbutton Function
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT88326VA Datasheet(HTML) 8 Page - Active-Semi, Inc

Back Button ACT88326VA Datasheet HTML 4Page - Active-Semi, Inc ACT88326VA Datasheet HTML 5Page - Active-Semi, Inc ACT88326VA Datasheet HTML 6Page - Active-Semi, Inc ACT88326VA Datasheet HTML 7Page - Active-Semi, Inc ACT88326VA Datasheet HTML 8Page - Active-Semi, Inc ACT88326VA Datasheet HTML 9Page - Active-Semi, Inc ACT88326VA Datasheet HTML 10Page - Active-Semi, Inc ACT88326VA Datasheet HTML 11Page - Active-Semi, Inc ACT88326VA Datasheet HTML 12Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
ACT88326VA
Rev 1.0, 29-May-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi.
Copyright © 2018 Active-Semi, Inc
8
DIGITAL I/O ELECTRICAL CHARACTERISTICS
(VIN_IO = 5V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GPIO1, GPIO2, GPIO4 Input Low
VIN_IO = 1.8V
0.40
GPIO3 Input Low
VIN_IO = 1.8V
0.25
V
GPIO1, GPIO2, GPIO3, GPIO4 Input High
VIN_IO = 1.8V
1.25
V
GPIO1, GPIO2, GPIO4 Input Low
VIN_IO = 3.3V
1.0
V
GPIO3 Input Low
VIN_IO = 3.3V
0.40
V
GPIO1, GPIO2, GPIO3, GPIO4 Input High
VIN_IO = 3.3V
2.3
V
GPIO1, GPIO2, GPIO3, GPIO4 Leakage Current
Output = 5V
1
µA
GPIO1, GPIO2, GPIO4 Output Low
IOL = 10mA
0.35
V
GPIO3 Output Low
IOL = 1mA
0.35
V
GPIO1, GPIO2 Output High
IOH = 1mA
VIN_IO-
0.35
V
GPIO4 Deglitch Time (falling)
15
µs
GPIO4 Deglitch Time (rising)
10
µs
VIN_IO Operating Range
1.5
VIN
V
nPB external resistor for Push-button function
AVIN = 3.3V
50
kΩ
nPB external resistor for Manual Reset function
AVIN = 3.3V
1
kΩ
nPB internal pullup resistor
AVIN = 3.3V
0.6
2
MΩ
nPB Manual Reset (MR) rising threshold
0.75
V
nPB De-bounce Time
Push button presses shorter than this
time are ignored
32
ms
nPB Activation Time
(duration for successful turn-on)
PB WAIT TIME SET[1:0] = 00
PB WAIT TIME SET[1:0] = 01
PB WAIT TIME SET[1:0] = 10
PB WAIT TIME SET[1:0] = 11
0.032
0.5
1.0
2.0
s
nPB Power Cycle with Push Button
Pull down through 50kΩ, press and
release for power cycle
4
s
nPB Power Off with Push Button
Pull down through 50kΩ, press and
hold until power off occurs (CMI
configurable option)
6
s
nPB Soft Reset Time
Pull down through 1kΩ, starts soft
reset
0.032
4
s
nPB Power Cycle or Manual Reset Time
Pull down through 1kΩ, starts power
cycle or Manual reset
4
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com