Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88326VA Datasheet(PDF) 9 Page - Active-Semi, Inc

Part # ACT88326VA
Description  Advanced PMU with Bypass Switch, & Pushbutton Function
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT88326VA Datasheet(HTML) 9 Page - Active-Semi, Inc

Back Button ACT88326VA Datasheet HTML 5Page - Active-Semi, Inc ACT88326VA Datasheet HTML 6Page - Active-Semi, Inc ACT88326VA Datasheet HTML 7Page - Active-Semi, Inc ACT88326VA Datasheet HTML 8Page - Active-Semi, Inc ACT88326VA Datasheet HTML 9Page - Active-Semi, Inc ACT88326VA Datasheet HTML 10Page - Active-Semi, Inc ACT88326VA Datasheet HTML 11Page - Active-Semi, Inc ACT88326VA Datasheet HTML 12Page - Active-Semi, Inc ACT88326VA Datasheet HTML 13Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
ACT88326VA
Rev 1.0, 29-May-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi.
Copyright © 2018 Active-Semi, Inc
9
SYSTEM CONTROL ELECTRICAL CHARACTERISTICS
(VIN_IO = 5V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Supply Voltage Range: AVIN referenced to
AGND
2.7
5.5
V
UVLO Threshold Falling
2.5
2.6
2.7
V
UVLO Hysteresis
100
mV
System Monitor (SYSMON) Programmable Range
2.7
4.2
V
OV Threshold Rising
5.4
5.75
6.0
V
OV Hysteresis
80
200
320
mV
Operating Supply Current
All Regulators Disabled
10
µA
Operating Supply Current
All Regulators Enabled but no load
250
µA
Thermal Shutdown
Temperature rising
140
160
180
°C
Thermal Shutdown Hysteresis
30
°C
Power Up Delay after initial VIN
Time from VIN > UVLO threshold to Internal
Power-On Clear (POR)
120
200
µs
Startup Delay after initial VIN
Time from VIN > UVLO threshold to start of
first regulator turning On. (zero delay)
1500
2000
µs
Oscillator Frequency
2.13
2.25
2.37
MHz
VIN UV Interrupt Threshold Falling
Referenced to rising threshold
200
mV
VIN UV Threshold Rising Programming Range
Rising edge threshold can power up device.
Configurable in 100mV steps.
2.7
3.6
4.2
V
VIN UV Shutdown Threshold Falling
2.6
V
VIN OV Shutdown Threshold Rising
5.75
V
VIN OV Shutdown Threshold Falling
5.5
V
VIN Deglitch Time UV
100
µs
VIN Deglitch Time OV
200
µs
Transition time from Deep Sleep (DPSLP) State to
Active State
Time from GPIOx pin transition to time when
the first regulator turns ON with minimum turn
on delay configuration.
1
ms
Transition time from Sleep State (SLEEP) to Active
State
Time from I2C command to clear sleep mode
to time when the first regulator turns ON with
minimum turn on delay configuration.
100
µs
Time to first power rail turn off
Time from turn Off event to when the first
power rail turns off with minimum turn off delay
configuration
120
µs
Startup Delay Programmable Range
ONDLY=00
ONDLY=01
ONDLY=10
ONDLY=11
0
0.25
0.5
1.0
ms
Turn Off Delay Programmable Range
Configurable in 0.25ms steps
0
7.75
ms
nRESET Programmable Range
Configurable to 20, 40, 60 or 100ms.
20
100
ms
Note 1: All Under-voltage Lockout, Overvoltage measurements are referenced to the AVIN Input and AGND Pins.
Note 2: All POK Under-voltage and Overvoltage measurements are referenced to the VIN Input and PGNDx Pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com