Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88326VA Datasheet(PDF) 10 Page - Active-Semi, Inc

Part # ACT88326VA
Description  Advanced PMU with Bypass Switch, & Pushbutton Function
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT88326VA Datasheet(HTML) 10 Page - Active-Semi, Inc

Back Button ACT88326VA Datasheet HTML 6Page - Active-Semi, Inc ACT88326VA Datasheet HTML 7Page - Active-Semi, Inc ACT88326VA Datasheet HTML 8Page - Active-Semi, Inc ACT88326VA Datasheet HTML 9Page - Active-Semi, Inc ACT88326VA Datasheet HTML 10Page - Active-Semi, Inc ACT88326VA Datasheet HTML 11Page - Active-Semi, Inc ACT88326VA Datasheet HTML 12Page - Active-Semi, Inc ACT88326VA Datasheet HTML 13Page - Active-Semi, Inc ACT88326VA Datasheet HTML 14Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
ACT88326VA
Rev 1.0, 29-May-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi.
Copyright © 2018 Active-Semi, Inc
10
INTERNAL STEP-DOWN DC/DC ELECTRICAL CHARACTERISTICS REGULATOR: (BUCK1)
(VIN = 5V, TA = 25°C, unless otherwise specified.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Input Operating Voltage Range
2.7
5.5
V
Output Voltage Programming Range 1
See CMI section for programming details
0.6
3.0
V
Output Voltage Programming Range 2
See CMI section for programming details
0.8
4.0
V
Standby Supply Current, Low Power Mode
Enabled
VOUT_B1 = 103% setpoint, Enabled, VOUT_B1
setpoint = 1.0V, No Load
40
60
µA
Shutdown Current
Regulator Disabled
1
µA
Output Voltage Accuracy
VOUT_B1 = default CMI voltage, continuous
PWM mode
-1
VNOM
1
%
Output Voltage Accuracy
VOUT_B1 = default CMI voltage, PFM mode
-2
VNOM
2
%
Line Regulation
VOUT_B1 = default CMI voltage, PWM Reg-
ulation
0.1
%/V
Load Regulation
VOUT_B1 = at default CM, PWM Regulation
0.1
%/A
Power Good Threshold
VOUT_B1 Rising
90
92.5
95
%VNOM
Power Good Hysteresis
VOUT_B1 Falling
3
%VNOM
Overvoltage Fault Threshold
VOUT_B1 Rising
107.5
110
112.5
%VNOM
Overvoltage Fault Hysteresis
VOUT_B1 Falling
3
%VNOM
Switching Frequency
VOUT_B1 ≥ 20% of VNOM, Configurable
-5%
1.125 /
2.25
+5%
MHz
Soft-Start Period Tset
10% to 90% VNOM
480
750
µs
Current Limit, Cycle-by-Cycle
(accuracy is only valid for the specific CMI’s
default setting)
ILIM[1:0] = 00
ILIM[1:0] = 01
ILIM[1:0] = 10
ILIM[1:0] = 11
4.2
3.6
3.0
2.4
5.4
4.7
3.8
3.1
6.6
5.7
4.6
3.7
A
Current Limit, Shutdown
% compared to Current Limit, cycle-by-
cycle
112.5
122.5
132.5
%
Current Limit, Warning
% compared to Current Limit, cycle-by-
cycle
67.5
75
82.5
%
PMOS On-Resistance
ISW = -1A, VIN = 5.0V
40
50
mΩ
NMOS On-Resistance
ISW = 1A, VIN = 5.0V
16
25
mΩ
SW Leakage Current
VIN = 5.5V, VSW = 0V
1
µA
VIN = 5.5V, VSW = 5.5V
1
µA
Dynamic Voltage Scaling Rate
3.50
mV/µs
Output Pull Down Resistance
Enabled when regulator disabled
4.4
8.75
Ohms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com